Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8272CVRB Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC8272CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272CVRB Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8272CVRB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
41
Pinout
8
Pinout
The figure and table below show the pin assignments and pinout for the 516 PBGA package.
Figure 12 shows the pinout of the 516 PBGA package as viewed from the top surface.
1
The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency in a
table entry guarantees only the required minimum CPU operating frequency. The “high” values are for the purpose
of illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not
exceed the frequency rating of the user’s device. The minimum CPU frequency is 150 MHz for commercial
temperature devices and 175 MHz for extended temperature devices. The minimum CPM frequency is 120 MHz.
2
PCI_MODCK determines the PCI clock frequency range. Refer to Table 18 for higher range configurations.
3
MODCK_H = hard reset configuration word [28–31] (refer to Section 5.4 in the
MPC8260 User’s Manual).
MODCK[1-3] = three hardware configuration pins.
4
CPM multiplication factor = CPM clock/bus clock
5
CPU multiplication factor = Core PLL multiplication factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com