Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8272CVRB Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8272CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272CVRB Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8272CVRB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
14
Freescale Semiconductor
Power Dissipation
4.7
References
Semiconductor Equipment and Materials International
(415) 964-5111
805 East Middlefield Rd.
Mountain View, CA 94043
MIL-SPEC and EIA/JESD (JEDEC) Specifications
800-854-7179 or
(Available from Global Engineering Documents)
303-397-7956
JEDEC Specifications
http://www.jedec.org
1. C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an
Automotive Engine Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47–54.
2. B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal Resistance
and Its Application in Thermal Modeling,” Proceedings of SemiTherm, San Diego, 1999, pp.
212–220.
5
Power Dissipation
Table 7 provides preliminary, estimated power dissipation for various configurations. Note that suitable
thermal management is required to ensure the junction temperature does not exceed the maximum
specified value. Also note that the I/O power should be included when determining whether to use a heat
sink. For a complete list of possible clock configurations, refer to Section 7, “Clock Configuration
Modes.”
Table 7. Estimated Power Dissipation for Various Configurations 1
1
Test temperature = 105
° C
Bus
(MHz)
CPM
Multiplication
Factor
CPM
(MHz)
CPU
Multiplication
Factor
CPU
(MHz)
PINT(W)
2, 3
2
PINT = IDD x VDD Watts
3
Values do not include I/O. Add the following estimates for active I/O based on the following bus speeds:
66.7 MHz = 0.35 W (nominal), 0.4 W (maximum)
83.3 MHz = 0.4 W (nominal), 0.5 W (maximum)
100 MHz = 0.5 W (nominal), 0.6 W (maximum)
133 MHz = 0.7 W (nominal), 0.8 W (maximum)
Vddl 1.5 Volts
Nominal
Maximum
66.67
3
200
4
266
1
1.2
100
2
200
3
300
1.1
1.3
100
2
200
4
400
1.3
1.5
133
2
267
3
400
1.5
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com