Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8540_06 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
21
DUART
7 DUART
This section describes the DC and AC electrical specifications for the DUART interface of the MPC8540.
7.1 DUART DC Electrical Characteristics
Table 19 provides the DC electrical characteristics for the DUART interface of the MPC8540.
7.2 DUART AC Electrical Specifications
Table 20 provides the AC timing parameters for the DUART interface of the MPC8540.
Table 19. DUART DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(VIN
1 = 0 V or V
IN = VDD)
IIN
—±5
μA
High-level output voltage
(OVDD = min, IOH = –100 μA)
VOH
OVDD – 0.2
—
V
Low-level output voltage
(OVDD = min, IOL = 100 μA)
VOL
—0.2
V
Note:
1.Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1
and Table 2.
Table 20. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
fCCB_CLK / 1048576
baud
3
Maximum baud rate
fCCB_CLK / 16
baud
1, 3
Oversample rate
16
—
2, 3
Notes:
1.Actual attainable baud rate will be limited by the latency of interrupt processing.
2.The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit
values are sampled each 16th sample.
3.Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com