Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8540 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8540_06 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8540_06 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
39
Local Bus
Figure 17 provides the AC test load for the local bus.
Figure 17. Local Bus AC Test Load
Local bus clock to output high impedance
for LAD/LDP
TSEC2_TXD[6:5] = 00
tLBKLOZ2
—0.2
ns
7
TSEC2_TXD[6:5] = 11
(default)
1.5
Notes:
1.The symbols used for timing specifications herein follow the pattern of t(First two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local
bus timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this
case for clock one(1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with
respect to the output (O) going invalid (X) or output hold time.
2.All timings are in reference to local bus clock for DLL bypass mode. Timings may be negative with respect to the local bus
clock because the actual launch and capture of signals is done with the internal launch/capture clock, which precedes
LCLK by tLBKHKT.
3.Maximum possible clock skew between a clock LCLK[m] and a relative clock LCLK[n]. Skew measured between
complementary signals at OVDD/2.
4.All signals are measured from OVDD/2 of the rising edge of local bus clock for DLL bypass mode to 0.4 × OVDD of the signal
in question for 3.3-V signaling levels.
5.Input timings are measured at the pin.
6.The value of tLBOTOT is defined as the sum of 1/2 or 1 ccb_clk cycle as programmed by LBCR[AHD], and the number of local
bus buffer delays used as programmed at power-on reset with configuration pins TSEC2_TXD[6:5].
7.For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
8.Guaranteed by characterization.
9.Guaranteed by design.
Table 37. Local Bus General Timing Parameters—DLL Bypassed (continued)
Parameter
POR Configuration
Symbol 1
Min
Max
Unit
Notes
Output
OVDD/2
RL = 50 Ω
Z0 = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com