Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFRA151-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CFRA151-G
Description  SMD Efficient Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRA151-G Datasheet(HTML) 1 Page - Comchip Technology

  CFRA151-G Datasheet HTML 1Page - Comchip Technology CFRA151-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note1: Thermal resistance from junction to ambient.
Page1
Parameter
Symbol
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Max. Average Forward Current
Reverse recovery time
Max. Thermal Resistance (Note1)
Max. Operating Junction Temperature
Storage Temperature
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25oC
Ta=100oC
Max. Instantaneous Forward Voltage
at 1.0A
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
(JEDEC method)
V
RRM
V
DC
V
RMS
I
FSM
Io
VF
Trr
IR
R JL
Tj
TSTG
50
1.5
53
-55 to +155
-55 to +150
5.0
50
1.3
250
500
100
V
V
V
A
A
V
nS
uA
oC/W
oC
oC
www.comchiptech.com
CFRA
151-G
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
CFRA
152-G
CFRA
153-G
CFRA
154-G
CFRA
155-G
CFRA
156-G
CFRA
157-G
Unit
Case: SMA/DO-214AC molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Approx. Weight: 0.04 gram
Mechanical Data:
Maximum Ratings and Electrical Characterics:
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0.
Fast recovery time: 150 ~ 500nS
Low leakage current
Features:
Reverse Voltage: 50 ~ 1000 Volts
Forward Current: 1.0 Amp
CFRA151-G Thru CFRA157-G (RoHS Device)
SMD Efficient Fast Recovery Rectifier
“-G” suffix designates RoHS compliant Version
0.008(0.20)
0.004(0.10)
0.067(1.70)
0.051(1.29)
0.091(2.31)
0.067(1.70)
0.059(1.50)
0.035(0.89)
0.110(2.79)
0.086(2.18)
0.180(4.57)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.209(5.31)
0.185(4.70)
Dimensions in inches and (millimeters)
DO-214AC (SMA)


Similar Part No. - CFRA151-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRA151 COMCHIP-CFRA151 Datasheet
67Kb / 2P
SMD Fast Recovery Rectifier
More results

Similar Description - CFRA151-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEFM101 COMCHIP-CEFM101 Datasheet
66Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFL101 COMCHIP-CEFL101 Datasheet
75Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFC301 COMCHIP-CEFC301 Datasheet
68Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFA201 COMCHIP-CEFA201 Datasheet
67Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFA101 COMCHIP-CEFA101 Datasheet
68Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFA101-G COMCHIP-CEFA101-G Datasheet
108Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFA201-G COMCHIP-CEFA201-G Datasheet
106Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFL101-G COMCHIP-CEFL101-G Datasheet
58Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRA101-G COMCHIP-CFRA101-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRB201-G COMCHIP-CFRB201-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com