Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFRA151-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CFRA151-G
Description  SMD Efficient Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRA151-G Datasheet(HTML) 2 Page - Comchip Technology

  CFRA151-G Datasheet HTML 1Page - Comchip Technology CFRA151-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page2
www.comchiptech.com
SMD Efficient Fast Recovery Rectifier
“-G” suffix designates RoHS compliant Version
Rating and Characteristic Curves (CFRA151-G thru CFRA157-G)
0
0.4
0.8
1.2
1.6
2.0
Fig. 6 - Current Derating Curve
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
0
10
20
50
40
30
1
5
10
50
1 00
0.1
1.0
10
100
1000
20
0
40
60
140
120
100
80
1
100
10
0.1
0.01
Single Phase
Half Wave 60Hz
0
20
40
60
80
100
1000
100
10
1.0
0.1
Tj=25 C
Pulse width 300uS
4% duty cycle
Tj=25 C
Ambient Temperature ( C)
0
25
50
75
100
125
150
175
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
8.3mS Single Half Sine
Wave JEDEC methode
Tj=125 C
Tj=25 C
Tj=25 C
f=1.0MHz
Vsig=50mV p-p
Fig. 1 - Reverse Characteristics
Fig.2 - Forward Characteristics
Percent of Rated Peak Reverse Voltage (%)
Forward Voltage(V)
Fig. 4 - Non Repetitive Forward Surge Current
Fig. 3 - Junction Capacitance
Number of Cycles at 60Hz
Reverse Voltage (V)
Fig. 5 - Test Circuit Diagram and Reverse Recovery Time Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com