Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8247VRB Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8247VRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247VRB Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8247VRB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
4
Freescale Semiconductor
Overview
— Floating-point unit (FPU) supports floating-point arithmetic
— Support for cache locking
•
Low-power consumption
•
Separate power supply for internal logic (1.5 V) and for I/O (3.3 V)
•
Separate PLLs for G2_LE core and for the communications processor module (CPM)
— G2_LE core and CPM can run at different frequencies for power/performance optimization
— Internal core/bus clock multiplier that provides 2:1, 2.5:1, 3:1, 3.5:1, 4:1, 4.5:1, 5:1, 5.5:1, 6:1,
7:1, and 8:1 ratios
— Internal CPM/bus clock multiplier that provides 2:1, 2.5:1, 3:1, 3.5:1, 4:1, 5:1, 6:1 ,and 8:1
ratios
•
64-bit data and 32-bit address 60x bus
— Bus supports multiple master designs—up to two external masters
— Supports single transfers and burst transfers
— 64-, 32-, 16-, and 8-bit port sizes controlled by on-chip memory controller
•
60x-to-PCI bridge
— Programmable host bridge and agent
— 32-bit data bus, 66 MHz, 3.3 V
— Synchronous and asynchronous 60x and PCI clock modes
— All internal address space available to external PCI host
— DMA for memory block transfers
— PCI-to-60x address remapping
•
System interface unit (SIU)
— Clock synthesizer
— Reset controller
— Real-time clock (RTC) register
— Periodic interrupt timer
— Hardware bus monitor and software watchdog timer
— IEEE 1149.1 JTAG test access port
•
Eight bank memory controller
— Glueless interface to SRAM, page mode SDRAM, DRAM, EPROM, Flash, and other
user-definable peripherals
— Byte write enables
— 32-bit address decodes with programmable bank size
— Three user programmable machines, general-purpose chip-select machine, and page mode
pipeline SDRAM machine
— Byte selects for 64-bit bus width (60x)
— Dedicated interface logic for SDRAM
•
Disable CPU mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com