Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8247VRB Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8247VRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247VRB Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8247VRB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8247VRB Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
6
Freescale Semiconductor
Overview
– Ethernet/IEEE 802.3 CDMA/CS
– HDLC/SDLC and HDLC bus
– Universal asynchronous receiver transmitter (UART)
– Synchronous UART
– Binary synchronous (BiSync) communications
– Transparent
– QUICC multichannel controller (QMC) up to 64 channels
• Independent transmit and receive routing, frame synchronization.
• Serial-multiplexed (full-duplex) input/output 2048-, 1544-, and 1536-Kbps PCM highways
• Compatible with T1/DS1 24-channel and CEPT E1 32-channel PCM highway, ISDN basic rate,
ISDN primary rate, and user defined.
• Subchanneling on each time slot.
• Independent transmit and receive routing, frame synchronization and clocking
• Concatenation of any not necessarily consecutive time slots to channels independently for Rx/Tx
• Supports H1,H11, and H12 channels
• Allows dynamic allocation of channels
– SCC3 in NMSI mode is not usable when USB is enabled.
— Two serial management controllers (SMCs), identical to those of the MPC860
– Provides management for BRI devices as general-circuit interface (GCI) controllers in
time-division-multiplexed (TDM) channels
– Transparent
– UART (low-speed operation)
— One serial peripheral interface identical to the MPC860 SPI
— One I2C controller (identical to the MPC860 I2C controller)
– Microwire compatible
– Multiple-master, single-master, and slave modes
— Up to two TDM interfaces
– Supports one group of two TDM channels
– 1024 bytes of SI RAM
— Eight independent baud rate generators and 14 input clock pins for supplying clocks to FCC,
SCC, SMC, and USB serial channels
— Four independent 16-bit timers that can be interconnected as two 32-bit timers
•
PCI bridge
— PCI Specification revision 2.2-compliant and supports frequencies up to 66 MHz
— On-chip arbitration
— Support for PCI to 60x memory and 60x memory to PCI streaming
— PCI host bridge or peripheral capabilities
— Includes four DMA channels for the following transfers:
– PCI-to-60x to 60x-to-PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com