Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541CPXAQF Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8541CPXAQF
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541CPXAQF Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8541CPXAQF Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
62
Freescale Semiconductor
Package and Pin Listings
PB[18:31]
P7, P6, P5, P4, P3, P2, P1, R1, R2, R3, R4, R5, R6,
R7
I/0
OVDD
PC[0, 1, 4-29]
R8, R9, T9, T6, T5, T4, T1, U1, U2, U3, U4, U7, U8,
U9, U10, V9, V6, V5, V4, V3, V2, V1, W1, W2, W3,
W6, W7, W8
I/0
OVDD
PD[7, 14-25, 29-31]
Y4, AA2, AA1, AB1, AB2, AB3, AB5, AB6, AC7, AC4,
AC3, AC2, AC1, AD6, AE3, AE2
I/0
OVDD
Notes:
1. All multiplexed signals are listed only once and do not re-occur. For example, LCS5/DMA_REQ2 is listed only once in the
Local Bus Controller Interface section, and is not mentioned in the DMA section even though the pin also functions as
DMA_REQ2.
2. Recommend a weak pull-up resistor (2–10 k
Ω) be placed on this pin to OV
DD.
3. This pin must always be pulled down to GND.
4. This pin is an open drain signal.
5. This pin is a reset configuration pin. It has a weak internal pull-up P-FET which is enabled only when the MPC8541E is in the
reset state. This pull-up is designed such that it can be overpowered by an external 4.7-k
Ω pull-down resistor. If an external
device connected to this pin might pull it down during reset, then a pull-up or active driver is needed if the signal is intended
to be high during reset.
6. Treat these pins as no connects (NC) unless using debug address functionality.
7. The value of LA[28:31] during reset sets the CCB clock to SYSCLK PLL ratio. These pins require 4.7-k
Ω pull-up or pull-down
resistors. See Section 15.2, “Platform/System PLL Ratio.”
8. The value of LALE and LGPL2 at reset set the e500 core clock to CCB Clock PLL ratio. These pins require 4.7-k
Ω pull-up or
pull-down resistors. See the Section 15.3, “e500 Core PLL Ratio.”
9. Functionally, this pin is an output, but structurally it is an I/O because it either samples configuration input during reset or
because it has other manufacturing test functions. This pin will therefore be described as an I/O for boundary scan.
10.This pin functionally requires a pull-up resistor, but during reset it is a configuration input that controls 32- vs. 64-bit PCI
operation. Therefore, it must be actively driven low during reset by reset logic if the device is to be configured to be a 64-bit
PCI device. Refer to the PCI Specification.
11.This output is actively driven during reset rather than being three-stated during reset.
12.These JTAG pins have weak internal pull-up P-FETs that are always enabled.
13.These pins are connected to the VDD/GND planes internally and may be used by the core power supply to improve tracking
and regulation.
14.Internal thermally sensitive resistor.
15.No connections should be made to these pins.
16.These pins are not connected for any functional use.
17.PCI specifications recommend that a weak pull-up resistor (2–10 k
Ω) be placed on the higher order pins to OV
DD when
using 64-bit buffer mode (pins PCI_AD[63:32] and PCI2_C_BE[7:4]).
18. If this pin is connected to a device that pulls down during reset, an external pull-up is required to that is strong enough to pull
this signal to a logic 1 during reset.
19. Recommend a pull-up resistor (~1 k
Ω) be placed on this pin to OV
DD.
20. These are test signals for factory use only and must be pulled up (100
Ω το 1kΩ) to OV
DD for normal machine operation.
21. If this signal is used as both an input and an output, a weak pull-up (~
10kΩ) is required on this pin.
22. MSYNC_IN and MSYNC_OUT should be connected together for proper operation.
Table 43. MPC8541E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com