Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541CPXAQF Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8541CPXAQF
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541CPXAQF Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8541CPXAQF Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8541CPXAQF Datasheet HTML 84Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
83
Device Nomenclature
19.1
Nomenclature of Parts Fully Addressed by this Document
Table 52 provides the Freescale part numbering nomenclature for the MPC8541E. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also
includes an application modifier which may specify special application conditions. Each part number also
contains a revision code which refers to the die mask revision number.
19.2
Part Marking
Parts are marked as the example shown in Figure 52.
Figure 52. Part Marking for FC-PBGA Device
Table 52. Part Numbering Nomenclature
MPC nnnn
t
pp
aa
a
r
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature
Range1
Package 2
Processor
Frequency 3
Platform
Frequency
Revision
Level4
MPC
8541
Blank = not
included
E = included
Blank = 0 to 105
°C
C = –40 to 105
°C
PX = FC-PBGA
VT = FC-PBGA
(lead free)
AJ = 533 MHz
AK = 600 MHz
AL = 667 MHz
AP = 833 MHz
AQ = 1000 MHZ
D = 266 MHz
E = 300 MHz
F = 333 MHz
Notes:
1. For Temperature Range=C, Processor Frequency is limited to 667 MHz with a Platform Frequency selector of 333 MHz,
Processor Frequency is limited to 533 MHz with a Platform Frequency selector of 266 MHz.
2. See Section 14, “Package and Pin Listings,” for more information on available package types.
3. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support other
maximum core frequencies.
4. Contact you local Freescale field applications engineer (FAE).
MPC85nn
xPXxxxn
MMMMM
ATWLYYWWA
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMM is the 5-digit mask number.
ATWLYYWWA is the traceability code.
CCCCC
FC-PBGA
MPCnnnn
MMMMM
ATWLYYWWA
85xx
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMM is the 5-digit mask number.
ATWLYYWWA is the traceability code.
CCCCC
tppaaar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com