Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CKL Datasheet(PDF) 1 Page - Comchip Technology

Part # CKL
Description  ESD / Transient Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CKL Datasheet(HTML) 1 Page - Comchip Technology

  CKL Datasheet HTML 1Page - Comchip Technology CKL Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESD Suppression
Transient Suppression
Automotive CAN bus
Applications:
Schematics:
Dimensions in (mm):
Application:
Package:
(16kV) IEC 61000-4-2 rating
Surface Mount Package
High Compoent Density
Features:
CKL Series -G (RoHS Device)
ESD / Transient Suppressor
“-G” suffix designates RoHS compliant Version
-
VBD
0V
+
VBD
SOT-143
W
L
e
d
P
Package
Package
Code
Number
of Pins
L + 0.2
W + 0.2
d + 0.1
P + 0.1
Pkg. Height
+ 0.2
e + 0.1
SOT-143
S14
4
2.9
2.3
0.45
1.9
0.95
0.8
Vp (Transient)
Vclamp
0 v
Gnd
Connector
Transceiver


Similar Part No. - CKL

ManufacturerPart #DatasheetDescription
logo
GREATECS
CKL GREATECS-CKL Datasheet
789Kb / 1P
High Security Keylock Switches with 횠19mm Bushing
logo
Lorlin Electronics Ltd.
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
logo
Nihon Kaiheiki Industry...
CKL12AFW01 NKK-CKL12AFW01 Datasheet
256Kb / 6P
High Security Keylocks
logo
GREATECS
CKL12AFW01 GREATECS-CKL12AFW01 Datasheet
789Kb / 1P
High Security Keylock Switches with 횠19mm Bushing
logo
Nihon Kaiheiki Industry...
CKL12ATW01 NKK-CKL12ATW01 Datasheet
256Kb / 6P
High Security Keylocks
More results

Similar Description - CKL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA462A PHILIPS-BZA462A Datasheet
77Kb / 12P
Quadruple ESD transient voltage suppressor
1999 May 25
logo
Comchip Technology
CEAS035V0-G COMCHIP-CEAS035V0-G Datasheet
149Kb / 2P
Bidirectional ESD / Transient Suppressor
CPD1E36V COMCHIP-CPD1E36V Datasheet
102Kb / 2P
Bidirectional ESD / Transient Suppressor
CPEV COMCHIP-CPEV Datasheet
44Kb / 2P
Unidirectional ESD / Transient Suppressor
logo
KOA Speer Electronics, ...
PGE323T KOA-PGE323T Datasheet
81Kb / 1P
unidirectional esd / transient suppressor
logo
NXP Semiconductors
BZA456A NXP-BZA456A Datasheet
144Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA462A NXP-BZA462A Datasheet
148Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA900A NXP-BZA900A Datasheet
165Kb / 9P
Quadruple ESD transient voltage suppressor
2001 Sep 03
logo
Cooper Bussmann, Inc.
TVSA02V05C004 COOPER-TVSA02V05C004 Datasheet
352Kb / 2P
Transient Voltage ESD Suppressor
logo
Eaton All Rights Reserv...
TVSA EATON-TVSA Datasheet
401Kb / 2P
Transient voltage ESD suppressor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com