Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17550EVEL Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC17550EVEL
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17550EVEL Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC17550EVEL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
17550
ELECTRICAL CONNECTIONS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions TA = 25°C, VDD = 3.0 V, VM = 2.5 V, GND = 0 V, fIN = 176 kHz unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT
Pulse Input Frequency (14)
fIN
–
–
200
kHz
Internal Oscillator Frequency
fOSC
–
100
200
kHz
OUTPUT
Gate Driver Circuit Power Supply Wake-Up Time
tVGON
–
10
20
ms
Propagation Delay Time
Turn-ON Time
Turn-OFF Time
tPLH
tPHL
–
–
0.2
0.2
1.0
1.0
µs
Notes
14.
fIN is the signal frequency applied to an input terminal (F, R).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com