Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17550EVEL Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC17550EVEL
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17550EVEL Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC17550EVEL Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17550EVEL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Document Number: MPC17550
Rev. 2.0, 7/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Quad H-Bridge Micromotor
Driver with DC/DC Boost
Converter
The 17550 is a monolithic quad H-Bridge power IC ideal for portable
electronic applications containing tiny bipolar stepper motors and/or
brush DC-motors powered by two-to-four cell NiCd/NiMH batteries.
The 17550 operates from 2.5 V to 5.5 V, with independent control of
each H-Bridge via parallel 3.0 V or 5.0 V logic-compatible I/O. The
device features an on-board DC/DC boost converter that allows motor
operation all the way down to 1.6 V (the boost converter supplies the
gate-drive voltage for each of the four independent H-bridge output
stages). Each output bridge has its own gate-drive and logic circuitry
with built-in shoot-through current protection.
The 17550 has four operating modes: Forward, Reverse, Brake,
and Tri-Stated (High Impedance). The 17550 has a low total RDS(ON)
of 1.2
Ω max @ 25°C. In addition, it can be set into a very low current-
drain standby mode.
The H-Bridge outputs can be independently PWM’ed at up to
200 kHz for speed/torque and current control. The 17550 can
efficiently drive many types of micromotors owing to its low output
resistance and high output slew rates.
Features
•Low Total RDS(ON) 0.7 Ω (Typ), 1.2 Ω (Max) @ 25°C
• Output Current 700 mA (Continuous per Output)
• Shoot-Through Current Protection Circuit
• PWM Control Input Frequency up to 200 kHz
• Built-In DC/DC Boost Converter
• Low Power Consumption Standby Mode
• Undervoltage Detection and Shutdown Circuit
• Pb-Free Packaging Designated by Suffix Code EV
Figure 1. 17550 Simplified Application Diagram
H-BRIDGE MOTOR DRIVER
EV SUFFIX (Pb-FREE)
98ASA10591D
36-TERMINAL VMFP
17550
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17550EV/EL
-10°C to 60°C
36 VMFP
VDD
VM
VDD
INDR
INDF
HBDR
HBDF
INCR
INCF
HBCR
HBCF
INBR
INBF
INAR
INAF
HBAR
HBAF
HBBR
HBBF
PSB
VG
LX
VM
GND
MCU
OE
17550


Similar Part No. - MPC17550EVEL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17550EV MOTOROLA-MPC17550EV Datasheet
389Kb / 15P
Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
More results

Similar Description - MPC17550EVEL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD340 STMICROELECTRONICS-TD340 Datasheet
158Kb / 21P
H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
May-2000
logo
Motorola, Inc
MPC17550 MOTOROLA-MPC17550 Datasheet
389Kb / 15P
Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
National Semiconductor ...
LP3931 NSC-LP3931 Datasheet
399Kb / 17P
Dual RGB LED Driver with High Current Boost DC-DC Converter
logo
Freescale Semiconductor...
17559 FREESCALE-17559 Datasheet
911Kb / 19P
Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
1ch DC/DC boost converter
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
1ch DC/DC boost converter
August, 2013
logo
New Japan Radio
NJW4814 NJRC-NJW4814 Datasheet
389Kb / 16P
Dual H-Bridge Driver with Boost Converter
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
NXP Semiconductors
MPC17559 NXP-MPC17559 Datasheet
178Kb / 2P
Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
Rev. 2.0
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com