Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EP Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC18730EP
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
18730
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
L
H
L
L
L
L
L
H
1.349
H
L
L
L
L
L
L
H
1.833
H
L
L
L
L
L
H
H
1.848
H
L
L
L
L
H
L
H
1.863
H
L
L
L
H
L
L
H
1.893
H
L
L
H
L
L
L
H
1.954
H
L
H
L
L
L
L
H
2.075
H
H
L
L
L
L
L
H
2.317
H
H
H
H
H
H
H
H
2.800
Notes
31.
All combinations of input are not included.
32.
The SREG1 and 3 output voltages are determined by the combination of external resistances connected to
SREGC1 and 3 (65.14K
Ω between SREGO1 and SREGC1, 34.86KΩ between SREGC1 and GND,
73.84K
Ω between SREGO3 and SREGC3, and 26.16KΩ between SREGC3 and GND).
Table 13. Output Voltage of SREG2
Address: 0110(33)
B7
B6
B5
B4
B3
B2
B1
B0
SREG2 [V]
L
L
L
L
L
L
L
L
0.011
L
L
L
L
L
L
L
H
0.022
L
L
L
L
L
L
H
L
0.033
L
L
L
L
L
H
L
L
0.055
L
L
L
L
H
L
L
L
0.098
L
L
L
H
L
L
L
L
0.186
L
L
H
L
L
L
L
L
0.361
L
H
L
L
L
L
L
L
0.711
H
L
L
L
L
L
L
L
1.411
H
L
L
L
L
L
L
H
1.422
H
L
L
L
L
L
H
L
1.433
H
L
L
L
L
H
L
L
1.455
H
L
L
L
H
L
L
L
1.498
H
L
L
H
L
L
L
L
1.586
H
L
H
L
L
L
L
L
1.761
H
H
L
L
L
L
L
L
2.111
H
H
H
H
H
H
H
H
2.800
Notes
33.
All combinations of input are not included.
Table 14. Output Voltage of SREG3
Address: 0111(34)
B7
B6
B5
B4
B3
B2
CP Off
EXTG On
SREG3 [V](35)
L
L
L
L
L
L
X
X
2.080
Table 12. Output Voltage of SREG1
Address: 0101(31)
B7
B6
B5
B4
B3
B2
B1
Reserved
SREG1 [V](33)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com