Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC18730EP Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC18730EP
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
18730
ELECTRICAL CHARACTERISTICS
STATIC
Reset Circuit
Reset Voltage 1
Reset Voltage 2
Hysteresis Voltage 1 (@RST1)
Hysteresis Voltage 2 (@RST2)
PGOOD (VPGOOD = 2.4 V)
(Isink = 2 mA)
PGOOD_DELAY (Isink = 100 µA)
High Level Threshold Voltage
Low Level Threshold Voltage
PGOOD_DELAY Pull-Up Resistance
VRST1
VRST2
VHYRS1
VHYRS2
IPGOOD1,2
VPGOOD1,2
VOLCR1,2
VIHCR1,2
VILCR1,2
RPUPRC1,2
0.85 x
VO1_SENSE
0.80 x
VO1_SENSE
40
50
0
0
0
1.25
0.75
50
0.88 x
VO1_SENSE
0.85 x
VO1_SENSE
78
75
-
-
-
1.42
1.00
100
0.91 x
VO1_SENSE
0.90 x
VO1_SENSE
115
100
10
0.5
0.7
1.65
1.15
150
V
V
mV
mV
µA
V
V
V
V
K
Ω
V_STDBY Output Resistance
Output Resistance (VO1_SENSE)
Output Resistance (VBATT)
RVO1_SENSE
RVB
-
-
30
200
45
400
W
LSWO Output Resistance
Output Resistance
RLSWO
-
42
50
W
VGATE_EXT
VGATE_EXT Output Voltage (Isource = 100 µA)
(Isink = 100 µA)
VOHEXTG
VOLEXTG
VGATE x 0.9
0
-
-
VGATE
VGATE x 0.1
V
Logic Input
"H" Level Input Voltage (20)
"L" Level Input Voltage (20)
"H" Level Input Voltage (21)
"L" Level Input Voltage (21)
"H" Level Input Voltage (22)
"L" Level Input Voltage (22)
"H" Level Input Current (20), (22)
"L" Level Input Current (22), (23)
Pull Up Resistance (24)
Pull Down Resistance (25)
VIHVS
VILVS
VIH
VIL
VIHVB
VILVB
IIH
IIL
RPUP
RPDW
V_STDBY - 0.2
-
1.5
-
VB - 0.2
-
-1.0
-1.0
410
330
-
-
-
-
-
-
-
-
590
480
-
0.2
-
0.4
-
0.2
1.0
1.0
770
625
V
V
V
V
V
V
µA
µA
K
Ω
K
Ω
Notes
20.
Applied to WAKEB1 ~ 4 and SEQ_SELECT.
21.
Applied to CLEAR, SLEEP, EXT_CLOCK, DATA, STRB and SCKIN.
22.
Applied to VGATESEL1 and 2.
23.
Applied to WAKEB1 ~ 3, CLEAR, SLEEP, EXT_CLOCK, DATA, STRB, SCKIN and SEQ_SELECT.
24.
Applied to WAKEB4.
25.
Applied to CLEAR, SLEEP, EXT_CLOCK, DATA, STRB and SCKIN.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VBATT = 1.2 V, VO1_SENSE = 2.4 V, VGATE= 6.0 V, fCLK = 176.4 kHz unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 27°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com