Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPEV Datasheet(PDF) 1 Page - Comchip Technology

Part # CPEV
Description  Unidirectional ESD / Transient Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPEV Datasheet(HTML) 1 Page - Comchip Technology

  CPEV Datasheet HTML 1Page - Comchip Technology CPEV Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unidirectional ESD / Transient Suppressor
CPEV Series –G (RoHS Device)
Applications:
ESD Suppression
Transient Suppression
Automotive CAN bus
Features:
(16kV) IEC 61000-4-2 rating
Surface Mount Package
High component Density
* Color band denotes cathode end
Schematics:
Package:
Dimensions in ( mm ):
Application:
Vp (Transient)
Vclamp
0 v
Gnd
Connector
Transceiver
Package
Code
Package
Power
Number
of Pins
L + 0.2
W + 0.2
c + 0.2
e + 0.1
Pkg.
Height
+ 0.05
d + 0.05
323
100mw
2
2.5
1.25
1.7
0.3
1.0
0.35
-0.5
+VBD
1
2
d
W
c
L
e


Similar Part No. - CPEV

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CPE LSTD-CPE Datasheet
125Kb / 2P
Low dielectric loss
logo
CUI INC
CPE-120 CUI-CPE-120 Datasheet
218Kb / 5P
piezo audio transducer
CPE-120 CUI-CPE-120 Datasheet
306Kb / 3P
PIEZO BUZZER TRANSDUCER
04/28/2020
logo
CUI Devices
CPE-120 CUID-CPE-120 Datasheet
282Kb / 3P
PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPE-120 CUI-CPE-120_V01 Datasheet
306Kb / 3P
PIEZO BUZZER TRANSDUCER
04/28/2020
More results

Similar Description - CPEV

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PGE323T KOA-PGE323T Datasheet
81Kb / 1P
unidirectional esd / transient suppressor
logo
New Jersey Semi-Conduct...
1N5643A NJSEMI-1N5643A Datasheet
73Kb / 1P
UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5645 NJSEMI-1N5645 Datasheet
82Kb / 1P
UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5645A NJSEMI-1N5645A Datasheet
76Kb / 1P
UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5646 NJSEMI-1N5646 Datasheet
76Kb / 1P
UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5653A NJSEMI-1N5653A Datasheet
66Kb / 1P
UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5655A NJSEMI-1N5655A Datasheet
82Kb / 1P
UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6290A NJSEMI-1N6290A Datasheet
68Kb / 1P
UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6292 NJSEMI-1N6292 Datasheet
85Kb / 1P
UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6435A NJSEMI-1N6435A Datasheet
92Kb / 1P
UNIDIRECTIONAL TRANSIENT SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com