Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPEV Datasheet(PDF) 2 Page - Comchip Technology

Part # CPEV
Description  Unidirectional ESD / Transient Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPEV Datasheet(HTML) 2 Page - Comchip Technology

  CPEV Datasheet HTML 1Page - Comchip Technology CPEV Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unidirectional ESD / Transient Suppressor
Absolute Maximum Ratings: ( Ta = 25
oC )
Symbol
Parameter
Value
Units
TOP
Operating temperature
-55 to +125
0C
VF
Foreword voltage
1.3
Volts @ IFM
IFM
Maximum continuous forward current
150
mA
Electrical Ratings: ( Ta = 25
oC )
36V Characteristic
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
39
V
IF = 1 ma
Vw
Working voltage
36
V
IL
Leakage current
1.0
uA
36v
CT
Capacitance
25
pF
@ 1Mhz
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp
Pulse current
1
A
8 / 20 us
24V Characteristic
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
27
V
IF = 1 ma
Vw
Working voltage
24
V
IL
Leakage current
1.0
uA
24v
CT
Capacitance
30
pF
@ 1Mhz
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp
Pulse current
2.2
A
8 / 20 us
12V Characteristic
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
15
V
IF = 1 ma
Vw
Working voltage
12
V
IL
Leakage current
1.0
uA
12v
CT
Capacitance
50
pF
@ 1Mhz
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp
Pulse current
2.5
A
8 / 20 us
5V0 Characteristic
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
6.0
V
IF = 1 ma
Vw
Working voltage
12
V
IL
Leakage current
2.0
uA
5v
CT
Capacitance
80
pF
@ 1Mhz
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp
Pulse current
5.0
A
8 / 20 us
Ordering Information:
CPEV
36
-G
Type
Working Voltage
Lead Free
CPEV
5V0
12
24
36
* 3,000 units per 7” reel
DNAQ20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com