Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1014-0100-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1014-0100-R
Description  Battery Operated Portable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1014-0100-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1014-0100-R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mftrs. List No.
Interface
Columns
Speed
Order Code
1012-0100-R
Serial
24
2.5
132-3436
1014-0100-R
Serial
40
1.8l
132-3438
Price Each
Order Code
Serial printer, 2.5 lps
132-3436●
Serial printer, 1.8 lps
132-3438●
Battery charger, UK version
132-3442●
Battery charger, European version
132-3443●
Price Each
Order Code
Paper roll, 30m
231-952
Price Each
Mftrs. List No.
Order Code
Black Ribbon
IRC160B
440-8172
Battery Operated Portable
206035
Ì Battery operated hand held miniature
printers
Ì Epson ’PU’ series of impact printer
mechanisms, 24 and 40 column print-
ing at various print speeds of up to 2.5
lps
Ì Dot addressable graphics, double
width, double height printing.
Ì Integral re-chargeable batteries, mains
adaptor/charger is available
Ì Communication via serial RS232C
H=93,
W=106,
D=209
Parameters set externally using ’line feed’ and ’on-line’ buttons, eliminating the need for DIP
switches
Ideal for a wide range of portable as well as static applications


Similar Part No. - 1014-0100-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1014-12 ETC1-1014-12 Datasheet
96Kb / 2P
12 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
logo
NXP Semiconductors
1014-12 NXP-1014-12 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Microsemi Corporation
1014-2 MICROSEMI-1014-2 Datasheet
37Kb / 1P
2 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
logo
NXP Semiconductors
1014-2 NXP-1014-2 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Advanced Power Technolo...
1014-6A ADPOW-1014-6A Datasheet
163Kb / 1P
6 Watts, 28 Volts, Class C Microwave 1000 - 1400 MHz
More results

Similar Description - 1014-0100-R

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM9709NBA ELM-ELM9709NBA Datasheet
210Kb / 10P
CMOS voltage detector IC for battery-operated portable devices
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
logo
National Semiconductor ...
LM1801 NSC-LM1801 Datasheet
235Kb / 8P
BATTERY OPERATED POWER COMPARATOR
logo
Extech Instruments Corp...
380340 EXTECH-380340 Datasheet
178Kb / 1P
Battery Operated Datalogger
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
Battery operated DC motor inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Raltron Electronics Cor...
TU-101 RALTRON-TU-101 Datasheet
200Kb / 3P
Very low power consumption suitable for portable and/or battery operated equipment
logo
Melexis Microelectronic...
DEMO90121DA MELEXIS-DEMO90121DA Datasheet
2Mb / 20P
Battery operated stand alone RFID reader
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com