Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS25GR. Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS25GR.
Description  5-WAY® Binding Posts and SUPERCON® Electrical Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS25GR. Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS25GR. Datasheet HTML 1Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 2Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 3Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 4Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 5Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 6Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 7Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 8Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Standard and Miniature Single Assembly
5-WAY® Binding Posts
5-WAY® Binding Posts have positive-stop captive
thumbnuts that allow space to make connections
yet reduce the likelihood of accidentally contacting
current carrying parts. They are available in red,
white, blue, yellow, black and green. BP31 fluted
nut types have insulating parts of Lexan® polycar-
bonate resin which has a higher DC insulation re-
sistance at all operating temperatures and signifi-
cantly lower capacitance which provides greater
resistance to high frequency leakage effects. All
others have nylon plastic per MIL-P20693A, Type
IV. Current carrying parts are gold, nickel or tin
plated brass for improved conductivity and corro-
sion resistance. Metal parts are recessed for user
and instrument protection and none touch the
mounting panel. All are available in single packs or
100-quantity bulk packs. They are Underwriters
Laboratories recognized components.
Standard Hex Nut and Fluted Nut Types - Rated
for 30 A, 1000 V working.
Miniature Fluted Nut Types - Rated for 15A,
1000 V working.
Standard
Standard
Miniature
Color
Plating on
Hex Nut
Fluted Nut
Fluted Nut
Plastic
Brass
Type**
Type**
Type**
Parts
Parts
BP30R
BP31R
BP21R
Red
Gold
BP30WT
BP31WT
BP21WT
White
Gold
BP30BL
BP31BL
BP21BL
Blue
Gold
BP30Y
BP31Y
BP21Y
Yellow
Gold
BP30B
BP31B
BP21B
Black
Gold
BP30GN
BP31DG
BP21GN
Green
Gold
** Type numbers given are for binding posts with gold plated brass parts. For nickel plated brass parts add
suffix N, for tin plated brass parts add suffix T; for example, BP30GNN (nickel) or BP30GNT (tin). Order
single pack quantities by adding suffix “-1 PKG”, for example BP21R-1 PKG; order bulk pack quantities
by adding suffix “-B PKG”, for example BP21R-B PKG.
TYPES BP30 and BP31 DIMENSIONS
TYPE BP21 DIMENSIONS
*Lexan is a General Electric Trademark
BP30GN
BP31R
BP21B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com