Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS25GR. Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PS25GR.
Description  5-WAY® Binding Posts and SUPERCON® Electrical Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS25GR. Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PS25GR. Datasheet HTML 2Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 3Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 4Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 5Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 6Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 7Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 8Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 9Page - List of Unclassifed Manufacturers PS25GR. Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Custom Color Ring
5-WAY® Binding Posts
All cataloged Custom Color Ring Series types have
neutral gray plastic insulating parts. Single assem-
bly types have thumbnut-imbedded rings in red,
white, blue, yellow, black or green plastic while
double assembly types have thumbnut color rings
in black-red only. All are available with current car-
rying parts in gold, nickel or tin plated brass. BP31
Series fluted nut types have insulating parts molded
of Lexan polycarbonate resin which has a higher
DC insulation resistance at all operating tempera-
tures and significantly lower capacitance which pro-
vides greater resistance to high frequency leakage
effects. All others have nylon plastic per MIL-P-
20693A, Type IV. All types with “-10” in the suffix
have larger 10-32 studs for making behind the panel
connections. Contingent upon minimum quantity
requirements, insulating part color can be custom-
ized. Inquiries are invited. Single assembly types
are available in single packs or 100-quantity bulk
packs; double assembly types are available in single
packs or 10-quantity bulk packs. They are Under-
writers Laboratories recognized components.
Single Assembly Standard Hex Nut and Fluted
Nut Types - Rated for 30 A, 1000 V working.
Single Assembly Miniature Fluted Nut Types -
Rated for 15A, 1000 V working.
Double Assembly Standard Hex Nut and Fluted
Nut Types - Rated for 30 A, 1000 V working.
Double Assembly Miniature Fluted Nut Types -
Rated for 15A, 1000 V working.
SINGLE ASSEMBLY TYPES
Plating
Thread
Type†
Description
On Brass
Size
BP21GY1*
Miniature Fluted Nut
Gold
6-32
BP30GY1*
Standard Hex Nut
Gold
8-32
BP31GY1**
Standard Fluted Nut
Gold
8-32
BP30GY1-10*
Standard Hex Nut
Gold
10-32
BP31GY1-10**
Standard Fluted Nut
Gold
10-32
DOUBLE ASSEMBLY TYPES
BP21GY1-2BR
Miniature Fluted Nut
Gold
6-32
BP30GY1-2BR
Standard Hex Nut
Gold
8-32
BP31GY1-2BR
Standard Fluted Nut
Gold
8-32
BP30GY1-2BR10
Standard Hex Nut
Gold
10-32
BP31GY1-2BR10
Standard Fluted Nut
Gold
10-32
* Enter desired ring color code: R (red), B (black), BL (blue), GN (green),
WT (white), Y (yellow).
** Enter desired ring color code: R (red), B (black), BL (blue), DG
(green), WT (white), Y (yellow).
† Type numbers given are for binding posts with gold plated brass
parts. For nickel plated brass parts add suffix N, for tin plated brass
parts add suffix T; for example, BP30GY1RN (nickel) or BP30GY1RT
(tin). Order single pack quantities by adding suffix “-1 PKG”, for ex-
ample BP21GY1R-1 PKG; order bulk pack quantities by adding suffix
“-B PKG”, for example BP21GY1R-B PKG.
See pages 2, 3, 4 and 5 for
complete outline dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com