Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2H015TW Datasheet(PDF) 16 Page - ABB

Part # T2H015TW
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T2H015TW Datasheet(HTML) 16 Page - ABB

Back Button T2H015TW Datasheet HTML 12Page - ABB T2H015TW Datasheet HTML 13Page - ABB T2H015TW Datasheet HTML 14Page - ABB T2H015TW Datasheet HTML 15Page - ABB T2H015TW Datasheet HTML 16Page - ABB T2H015TW Datasheet HTML 17Page - ABB T2H015TW Datasheet HTML 18Page - ABB T2H015TW Datasheet HTML 19Page - ABB T2H015TW Datasheet HTML 20Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
ABB
13
AC1615S - 03/10
Ts3
150A 600VAC ∆ / 225A, 480VAC
Thermal-Magnetic
General
The Ts3 breaker family ranges from 15 through 225 amperes. The Ts3 trip
mechanisms are non-interchangeable and use sensitive electromagnetic relays
for overcurrent trip protection. Heat sensitive bimetals are used for thermal
overcurrent protection. Short-circuit current protection begins at 10 times the
thermal rating of the breaker and uses a magnetic coil principle.
Standards
The UL489/CSA C22.2 No. 5 version of Ts3 also carries an IEC-60947-2 rating.
Versions
To meet all application needs, the Ts3 is available in various versions:
T = Thermal-magnetic
D = Molded case switch
M = Magnetic only (MCP)
Performance Level
Each version is also available in different maximum fault interrupting levels
N = Normal
H = High
L = Extra high
Number of Poles
In UL/CSA form, the Ts3 is available in two pole or three pole versions, both
with the same dimensions. A four-pole version is also available in the N version.
For price estimation, add 35% to list price of selected version three pole
breaker, contact ABB for details.
Molded Case Switches
UL/CSA switches include no overcurrent protection except for a high
instantaneous trip mechanism for self protection. IEC type molded case
switches with no trip protection are also available.
Reverse Feeding
All versions of the Ts3 family are suitable for reverse feed application.
(1) 15-30A and 175-200-225A are 65kA at 480VAC
(2) Ts3 175A, 200A, 225A are rated 480VAC / 500DVC maximum
(3) Ts3 175A, 200A, 225A
(4) 2 poles in series
(5) 3 poles in series
Ts3
Ts3
Dimensions
3P Fixed Version 6.7H x 4.13W x 4.07D
Weight
6.75 (Ibs)
UL/CSA Interrupting Capacity (kA RMS)
UL489 / CSA C22.2
Voltage
N
H
L
240 VAC
65
100
150
480 VAC
25
50
85 (1)
600 VAC (2)
14
14
25
500 VDC (4)
35
50
65
600 VDC (5)
20
35
50
Ts3/225A 500VDC (3)
20
35
50
IEC-60947-2 Interrupting Capacity (kA RMS)
Voltage
N
H
L
230 VAC
65
100
170
380/400/415VAC
35
65
85
440 VAC
30
50
65
500 VAC
25
40
50
690 VAC
14
18
20
500 VDC
35
50
65
750 VDC
20
35
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com