Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2H015TW Datasheet(PDF) 21 Page - ABB

Part # T2H015TW
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T2H015TW Datasheet(HTML) 21 Page - ABB

Back Button T2H015TW Datasheet HTML 17Page - ABB T2H015TW Datasheet HTML 18Page - ABB T2H015TW Datasheet HTML 19Page - ABB T2H015TW Datasheet HTML 20Page - ABB T2H015TW Datasheet HTML 21Page - ABB T2H015TW Datasheet HTML 22Page - ABB T2H015TW Datasheet HTML 23Page - ABB T2H015TW Datasheet HTML 24Page - ABB T2H015TW Datasheet HTML 25Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
18
Discount Schedule DS-ST
ABB
AC1615S - 03/10
T4
T4
250A, 600VAC ∆
Electronic (AC Only)
T4-100A Frame, Electronic Trip Unit (AC Only) 40-100A Adjustable Range
Breaker
IC at
600VAC
Trip
Unit
2-Pole, 600VAC
Part Number
List
Price
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
PR221 LS/I
T4N100BW-2
T4N100BW
T4N100BW-4
T4N
18kA
PR222 LSI
T4N100CW-2
T4N100CW
T4N100CW-4
PR222 LSIG
T4N100EW-2
T4N100EW
T4N100EW-4
PR221 LS/I
T4S100BW
T4S
25kA
PR222 LSI
T4S100CW
PR222 LSIG
T4S100EW
T4H
UL Current Limiting
PR221 LS/I
T4H100BW
T4H100BW-4
35kA
PR222 LSI
T4H100CW
T4H100CW-4
PR222 LSIG
T4H100EW
T4H100EW-4
PR221 LS/I
T4L100BW
T4L
65kA
PR222 LSI
T4L100CW
PR222 LSIG
T4L100EW
T4V
UL Current Limiting
PR221 LS/I
T4V100BW
100kA
PR222 LSI
T4V100CW
PR222 LSIG
T4V100EW
T4-150A Frame, Electronic Trip Unit (AC Only) 60-150A Adjustable Range
Breaker
IC at
600VAC
Trip
Unit
2-Pole, 600VAC
Part Number
List
Price
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
PR221 LS/I
T4N150BW-2
T4N150BW
T4N150BW-4
T4N
18kA
PR222 LSI
T4N150CW-2
T4N150CW
T4N150CW-4
PR222 LSIG
T4N150EW-2
T4N150EW
T4N150EW-4
PR221 LS/I
T4S150BW
T4S
25kA
PR222 LSI
T4S150CW
PR222 LSIG
T4S150EW
T4H
UL Current Limiting
PR221 LS/I
T4H150BW
T4H150BW-4
35kA
PR222 LSI
T4H150CW
T4H150CW-4
PR222 LSIG
T4H150EW
T4H150EW-4
PR221 LS/I
T4L150BW
T4L
65kA
PR222 LSI
T4L150CW
PR222 LSIG
T4L150EW
T4V
UL Current Limiting
100kA
PR221 LS/I
PR222 LSI
PR222 LSIG
T4V150BW
T4V150CW
T4V150EW
T4V
UL current limiting
PR221 LS/I
T4V150BW
100
PR222 LSI
T4V150CW
PR222 LSIG
T4V150EW
T4-250A Frame, Electronic Trip Unit (AC Only) 100-250A Adjustable Range
Breaker
IC at
600VAC
Trip
Unit
2-Pole, 600VAC
Part Number
List
Price
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
PR221 LS/I
T4N250BW-2
T4N250BW
T4N250BW-4
T4N
18kA
PR222 LSI
T4N250CW-2
T4N250CW
T4N250CW-4
PR222 LSIG
T4N250EW-2
T4N250EW
T4N250EW-4
PR221 LS/I
T4S250BW
T4S
25kA
PR222 LSI
T4S250CW
PR222 LSIG
T4S250EW
T4H
UL Current Limiting
PR221 LS/I
T4H250BW
T4H250BW-4
35kA
PR222 LSI
T4H250CW
T4H250CW-4
PR222 LSIG
T4H250EW
T4H250EW-4
PR221 LS/I
T4L250BW
T4L
65kA
PR222 LSI
T4L250CW
PR222 LSIG
T4L250EW
T4V
UL Current Limiting
PR221 LS/I
T4V250BW
100kA
PR222 LSI
T4V250CW
PR222 LSIG
T4V250EW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com