Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM43-13-R Datasheet(PDF) 1 Page - Turck, Inc.

Part # IM43-13-R
Description  Trip amplifier 1-channel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

IM43-13-R Datasheet(HTML) 1 Page - Turck, Inc.

  IM43-13-R Datasheet HTML 1Page - Turck, Inc. IM43-13-R Datasheet HTML 2Page - Turck, Inc. IM43-13-R Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 3
Trip amplifier
1-channel
IM43-13-R
The 1-channel IM43-13-R trip amplifier 0/4…
20 mA currents or 0/2…10 V voltages for
overshoot and undershoot of limit values.
The three limit values are set via the lateral ro-
tary coding switches.
Additionally, 18 V (with max. 35 mA) are pro-
vided for transmitters or sensors.
The green LED indicates operational readi-
ness. Three yellow LEDs indicate the switch-
ing status of the corresponding output.
The output mode of the relays and the hys-
teresis are set via DIP switches.
■ Monitors 3 limit values at a current or volt-
age input
■ Power supply of 2-wire or 3-wire transmit-
ters/sensors
■ Input circuit: 0/4…20 mA; 0/2…10 V
■ Output circuit: 3 independent limit value re-
lays
■ Limit value relay adjusted via rotary coding
switches
■ Hysteresis and relay outputs adjusted via
DIP switch
■ Universal operating voltage
■ Complete galvanic isolation
■ Input reverse-polarity protected
C
FM
US
, TR CU


Similar Part No. - IM43-13-R

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
IM43-13-SR TURCK-IM43-13-SR Datasheet
312Kb / 3P
Trip amplifier 1-channel
2023-07-21
More results

Similar Description - IM43-13-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9841J PHILIPS-TFA9841J Datasheet
121Kb / 17P
1-channel audio amplifier
Rev. 01-06 February 2004
logo
List of Unclassifed Man...
MTL5521 ETC1-MTL5521 Datasheet
28Kb / 1P
FREQUENCY TO CURRENT CONVERTER AND TRIP AMPLIFIER
SEM1630 ETC2-SEM1630 Datasheet
569Kb / 2P
UNIVERSAL DIN RAIL TRIP AMPLIFIER
logo
Cynergy3 Co
SC20ALMDC CYNERGY3-SC20ALMDC Datasheet
64Kb / 1P
Loop Powered Trip Amplifier
SC2002ALM-HL CYNERGY3-SC2002ALM-HL Datasheet
78Kb / 1P
Dual Trip Amplifier
SC4002ALM-6 CYNERGY3-SC4002ALM-6 Datasheet
85Kb / 1P
Universal Input Dual Setpoint Trip Amplifier
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1R PF-S1SD-1AI-1R Datasheet
1Mb / 10P
Trip amplifier
logo
G.M. International
D5273 GMI-D5273 Datasheet
151Kb / 2P
I.S. SIL2 Temperature Converter & Trip Amplifier
D6254 GMI-D6254 Datasheet
151Kb / 2P
SIL2 2/4-Wire Transmitter Trip Amplifier
D6273 GMI-D6273 Datasheet
147Kb / 2P
SIL2 Temperature Converter & Trip Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com