Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM43-13-R Datasheet(PDF) 2 Page - Turck, Inc.

Part # IM43-13-R
Description  Trip amplifier 1-channel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

IM43-13-R Datasheet(HTML) 2 Page - Turck, Inc.

  IM43-13-R Datasheet HTML 1Page - Turck, Inc. IM43-13-R Datasheet HTML 2Page - Turck, Inc. IM43-13-R Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 3
Type
IM43-13-R
ID
7540040
Nominal voltage
Universal voltage supply unit
Operating voltage
20…250 VAC
Frequency
40…70 Hz
Operating voltage
20…250 VDC
Power consumption
ð
5 W
Transmitter connection
Supply voltage
ï
17 V / 20 mA
Current
35 mA
Voltage input
0/2…10 VDC
Input resistance (voltage)
ï
50 kò
Input current
0/4...20 mA
Input resistance (current)
ð
50 ò
Output circuits
Output circuits (digital)
3 x relays (NO)
Output switching voltage relay
ð
30 VDC / ð 250 VAC
Switching current per output
ð
6 A
Switching capacity per output
ð
1500 VA
Switching frequency
ð
10 Hz
Response characteristic
Reference temperature
23 °C
Temperature drift
ð
0.00075 % of full scale/K
Galvanic isolation
Test voltage
2.5 kV RMS
Displays/Operating elements
Operational readiness
Green
Switching state
Yellow
Error indication
red
Mechanical data
Protection class
IP20
Flammability class acc. to UL 94
V-0
Ambient temperature
-25…+70 °C
Storage temperature
-40…+80 °C
Dimensions
104 x 27 x 110 mm
Weight
185 g
Mounting instructions
DIN rail (NS35) or panel
Housing material
Polycarbonate/ABS
Electrical connection
4 × 5-pin removable terminal blocks, reverse polarity
protected, screw terminal
Terminal cross-section
1 × 2.5 mm²/2 × 1.5 mm²
Tightening torque
0.5 Nm
Dimensions
Output relay – Load curve
Output relay – Electrical lifetime



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com