Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1502S-G Datasheet(PDF) 1 Page - Comchip Technology

Part # DF1502S-G
Description  SMD General Purpose Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF1502S-G Datasheet(HTML) 1 Page - Comchip Technology

  DF1502S-G Datasheet HTML 1Page - Comchip Technology DF1502S-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page1
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Case: Molded plastic, DF-S
Terminals: solderable per MIL-STD-750, Method 2026
Polarity: Marked on body
Mounting position: Any
Approx. Weight: 1.0 gram
Mechanical Data:
Maximum Ratings and Electrical Characteristics
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Low forward voltage drop
Glass passivated junction
Features:
Reverse Voltage: 50 ~ 1000 Volts
Forward Current: 1.5 Amp
DF15005S-G thru DF1510S-G
SMD General Purpose Bridge Rectifier
“-G” suffix designated RoHS compliant version
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
(JEDEC method)
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.5A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25ºC
Ta=125ºC
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
DF15005S
-G
50
50
35
DF1501S
-G
100
100
70
DF1502S
-G
200
200
140
DF1504S
-G
400
400
280
50
1.5
1.1
10
500
40
-55 to +150
-55 to +150
DF1506S
-G
600
600
420
DF1508S
-G
800
800
560
DF1510S
-G
1000
1000
700
Symbol
VRRM
VDC
VRMS
IFSM
Io
VF
IR
RθJA
Tj
TSTG
Unit
V
V
V
A
A
V
uA
ºC/W
ºC
ºC
Note1: Thermal resistance from junction to ambient.
-
+
-
-
.255 (8.5)
.245 (6.2)
.047 (1.2)
.039 (1.0)
.347 (8.8)
.322 (8.2)
.205 (5.2)
.197 (5.0)
.134 (3.4)
.118 (3.0)
.013 (0.33)
.003 (0.08)
.60 (1.5)
.40 (1.0)
.425 (10.8)
.400 (10.2)
Dimmension in inches and (millimeters)
DF-S
Glass Passivated Type


Similar Part No. - DF1502S-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF1502S-E3/44 VISHAY-DF1502S-E3/44 Datasheet
84Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
DF1502S-E3/77 VISHAY-DF1502S-E3/77 Datasheet
84Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Comchip Technology
DF1502S-HF COMCHIP-DF1502S-HF Datasheet
461Kb / 4P
SMD Glass Passivated Bridge Rectifiers
REV:A
logo
Frontier Electronics.
DF1502S-LFR FRONTIER-DF1502S-LFR Datasheet
120Kb / 2P
1.5A BRIDGE RECTIFIERS
logo
Diodes Incorporated
DF1502S-T DIODES-DF1502S-T Datasheet
69Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
More results

Similar Description - DF1502S-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF15005S COMCHIP-DF15005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
DF005S COMCHIP-DF005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
B05SGS COMCHIP-B05SGS Datasheet
79Kb / 2P
SMD Genenal Purpose Bridge Rectifier
B05S COMCHIP-B05S Datasheet
70Kb / 2P
SMD Genenal Purpose Bridge Rectifier
B05S-G COMCHIP-B05S-G Datasheet
50Kb / 2P
Silicon General Purpose Bridge Rectifier
CGRM4001-G COMCHIP-CGRM4001-G Datasheet
78Kb / 2P
SMD General Purpose Rectifier
B05S-G COMCHIP-B05S-G_12 Datasheet
102Kb / 4P
SMD General Purpose Bridge Rectifier Diode
B05S-HF COMCHIP-B05S-HF Datasheet
78Kb / 4P
SMD General Purpose Bridge Rectifier Diode
logo
Formosa MS
LBS05-QH FORMOSA-LBS05-QH Datasheet
122Kb / 7P
Chip General Purpose Mini Bridge Rectifier
logo
Rectron Semiconductor
SKBPC5004 RECTRON-SKBPC5004 Datasheet
80Kb / 3P
General purpose 3 phase Bridge rectifier applications
2016-09 REV:O10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com