Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4040SRCGKS-R Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KA-4040SRCGKS-R
Description  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4040SRCGKS-R Datasheet(HTML) 3 Page - Kingbright Corporation

  KA-4040SRCGKS-R Datasheet HTML 1Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 2Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 3Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 4Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 5Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 6Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAK9955
REV NO: V.3A
DATE: MAY/13/2013
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.Liu
ERP: 1201006686
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
* Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3.Wavelength value is traceable to the CIE127-2007 compliant national standards.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
KA-4040SRCGKS-R
Super Bright Red (GaAlAs)
Water Clear
80
200
120
°
*20
*60
40
90
*40
*90
Green (AlGaInP)
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Red
Green
655
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Red
Green
640
570
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Red
Green
20
20
nm
IF=20mA
C
Capacitance
Super Bright Red
Green
45
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Red
Green
1.85
2.1
2.5
2.5
V
IF=20mA
Parameter
Super Bright Red
Green
Units
Power dissipation
75
75
mW
DC Forward Current
30
30
mA
Peak Forward Current [1]
155
150
mA
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com