Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4040SRCGKS-R Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KA-4040SRCGKS-R
Description  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4040SRCGKS-R Datasheet(HTML) 1 Page - Kingbright Corporation

  KA-4040SRCGKS-R Datasheet HTML 1Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 2Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 3Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 4Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 5Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 6Page - Kingbright Corporation KA-4040SRCGKS-R Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAK9955
REV NO: V.3A
DATE: MAY/13/2013
PAGE: 1 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.Liu
ERP: 1201006686
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT
LED LAMP
Part Number: KA-4040SRCGKS-R
Super Bright Red
Green
Features
Suitable for all SMT assembly and solder process.
Available on tape and reel.
Ideal for backlighting.
Package : 500pcs / reel.
Moisture sensitivity level : level 3.
RoHS compliant.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
The Green source color devices are made with AlGaInP on
GaAs substrate Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - KA-4040SRCGKS-R

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
KA-4040SECKT KINGBRIGHT-KA-4040SECKT Datasheet
3Mb / 19P
Optoelectronic Components
KA-4040SESK KINGBRIGHT-KA-4040SESK Datasheet
390Kb / 6P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
V.5A MAR/06/2013
logo
HK TO-GRACE TECHNOLOGY ...
KA-4040SURCKT TO-GRACE-KA-4040SURCKT Datasheet
886Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
KA-4040SURCKT KINGBRIGHT-KA-4040SURCKT Datasheet
3Mb / 19P
Optoelectronic Components
More results

Similar Description - KA-4040SRCGKS-R

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040CGCK KINGBRIGHT-AA4040CGCK Datasheet
278Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040RWC KINGBRIGHT-AA4040RWC Datasheet
385Kb / 8P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SGC KINGBRIGHT-AA4040SGC Datasheet
278Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SURC KINGBRIGHT-AA4040SURC Datasheet
163Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYC KINGBRIGHT-AA4040SYC Datasheet
163Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYCK KINGBRIGHT-AA4040SYCK Datasheet
278Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040ZGC KINGBRIGHT-AA4040ZGC Datasheet
171Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMD67W SUNLED-ZMD67W Datasheet
197Kb / 4P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SRS TO-GRACE-AA4040SRS Datasheet
1Mb / 6P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com