Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLM103C Datasheet(PDF) 2 Page - Dc Components

Part # DLM103C
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DLM103C Datasheet(HTML) 2 Page - Dc Components

  DLM103C Datasheet HTML 1Page - Dc Components DLM103C Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (DLM103A THRU DLM103C)
5
10
0
50
100
150
15
25
20
REVERSE VOLTAGE, (V)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT LEAD TEMPERATURE, (oC)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
REVERSE VOLTAGE, (V)
200
0
5
10
100
1000
10000
15
20
25
TJ= 100oC
TJ= 75oC
0
5
10
0.01
0.1
10
100
1
15
20
25
0
20
0.1
0.2
0.3
0.5
0.4
40
60
80
100
120
0.6
0.7
0.8
TJ= 25oC
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.1
0.2
0.3
0.4
0.5
0
0.001
0.01
0.1
TJ= 25oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com