Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLM103C Datasheet(PDF) 1 Page - Dc Components

Part # DLM103C
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DLM103C Datasheet(HTML) 1 Page - Dc Components

  DLM103C Datasheet HTML 1Page - Dc Components DLM103C Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
VOLTAGE RANGE - 20 to 40 Volts
CURRENT - 0.35 Ampere
FEATURES
MECHANICAL DATA
* For general purpose applications
* Low turn-on voltage
* Fast switching time
* Protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharge(ESD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.35
2.0
Amps
Storage Operating Temperature Range
R
θJA
IO
-55 to + 125
pF
Maximum DC Reverse Current
µAmps
Maximum Instantaneous Forward Voltage
5.0 @ VR=30V
300
50
30
21
30
0.7
Volts
0 C/ W
0 C
DLM103A
DLM103B
VF
IR
0.37
Note: 1. Terminals maintained at specified at ambient temperature.
2. Measured at 1 MHz and applied reverse voltage of 0 volts.
DLM103C
DLM103A
THRU
DLM103C
40
28
40
20
14
20
5.0 @ VR=20V
5.0 @ VR=10V
@ IF=0.2A
@ IF=0.02A
* Case: Glass sealed case Micro Melf
* Terminals: Solder plated solderable per
MIL-STD-750, Method 2026
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.05 gram approx.
Micro Melf
.049(1.25)
.047(1.20)
.079(2.0)
.071(1.8)
.008(0.2)
CATHODE MARK
.008(0.2)
.043(1.1)


Similar Part No. - DLM103C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DLM10 SANYO-DLM10 Datasheet
64Kb / 2P
1.0A Ultrahigh-Speed Rectifier?
DLM10 SANYO-DLM10 Datasheet
51Kb / 3P
1.0A Ultrahigh-Speed Rectifier
logo
Powerbox
DLM10-60 POWERBOX-DLM10-60 Datasheet
169Kb / 3P
600 WATTS PROGRAMMABLE DC SUPPLY
logo
Sanyo Semicon Device
DLM10B SANYO-DLM10B Datasheet
64Kb / 2P
1.0A Ultrahigh-Speed Rectifier?
DLM10C SANYO-DLM10C Datasheet
64Kb / 2P
1.0A Ultrahigh-Speed Rectifier?
More results

Similar Description - DLM103C

ManufacturerPart #DatasheetDescription
logo
Dc Components
SM5817S DCCOM-SM5817S Datasheet
618Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 40 Volts
DLM4148 DCCOM-DLM4148 Datasheet
248Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES VOLTAGE RANGE - 100 Volts
DLQ103A DCCOM-DLQ103A Datasheet
246Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
SD520 DCCOM-SD520 Datasheet
248Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SD820 DCCOM-SD820 Datasheet
252Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SD820D DCCOM-SD820D Datasheet
291Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SD1020 DCCOM-SD1020 Datasheet
249Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SD1020D DCCOM-SD1020D Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SD1620D DCCOM-SD1620D Datasheet
291Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SK22FL DCCOM-SK22FL Datasheet
68Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 50 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com