Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX53
Description  50 kPa Uncompensated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX53 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX53 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX53 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX53 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX53 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX53 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX53 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX53 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX53 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX53 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MPX53
Rev 4, 01/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
50 kPa Uncompensated
Silicon Pressure Sensors
The MPX53/MPXV53GC series silicon piezoresistive pressure sensors
provide a very accurate and linear voltage output — directly proportional to the
applied pressure. These standard, low cost, uncompensated sensors permit
manufacturers to design and add their own external temperature compensating
and signal conditioning networks. Compensation techniques are simplified
because of the predictability of Freescale's single element strain gauge design.
Features
Low Cost
Patented Silicon Shear Stress Strain Gauge Design
Ratiometric to Supply Voltage
Easy to Use Chip Carrier Package Options
60 mV Span (Typ)
Differential and Gauge Options
Typical Applications
Air Movement Control
Environmental Control Systems
Level Indicators
Leak Detection
Medical Instrumentation
Industrial Controls
Pneumatic Control Systems
Robotics
ORDERING INFORMATION
Device
Type
Options
Case No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE(1) (MPXV53 SERIES)
1. The MPXV53GC series pressure sensors are available with a pressure port, surface
mount, or DIP leadforms and two packing options.
Ported
Elements
Gauge, Side Port, SMT 482A
MPXV53GC6T1 Tape & Rail
MPXV53G
482A
MPXV53GC6U
Rails
MPXV53G
482C
MPXV53GC7U
Rails
MPXV53G
UNIBODY PACKAGE(2) (MPX53 SERIES)
2. MPX53 series pressure sensors are available in differential and gauge configurations.
Devices are available with basic element package or with pressure port fittings,
providing printed circuit board mounting ease and barbed hose pressure.
Basic
Element
Differential
344
MPX53D
MPX53D
Ported
Elements
Differential
344C
MPX53DP
MPX53DP
Gauge
344B
MPX53GP
MPX53GP
MPX53
MPXV53GC
SERIES
SMALL OUTLINE PACKAGE
PIN NUMBERS
1
GND(1)
1. Pin 1 in noted by the notch in the lead.
5
N/C
2
+VOUT
6
N/C
3
VS
7
N/C
4
–VOUT
8
N/C
UNCOMPENSATED PRESSURE
SENSOR
0 TO 50 kPA (0 – 7.25 psi)
60 mV FULL SCALE SPAN
(TYPICAL)
SMALL OUTLINE PACKAGES
MPXV53GC6U
CASE 482A-01
MPXV53GC7U
CASE 482C-03
UNIBODY PACKAGE PIN NUMBERS
1
GND(1)
1. Pin 1 in noted by the notch in the lead.
3
VS
2
+VOUT
4
–VOUT
UNIBODY PACKAGES
MPX53GP
CASE 344B-01
MPX53DP
CASE 344C-01
MPX53D
CASE 344-15


Similar Part No. - MPX53

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
117Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
131Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX53 NXP-MPX53 Datasheet
261Kb / 12P
MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
Rev. 7.1, 07/2015
logo
Motorola, Inc
MPX53D MOTOROLA-MPX53D Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
More results

Similar Description - MPX53

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_08 Datasheet
117Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_09 Datasheet
131Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com