Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53D Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX53D
Description  50 kPa Uncompensated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX53D Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX53D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MPX53
Sensors
4
Freescale Semiconductor
TEMPERATURE COMPENSATION
Figure 2 shows the typical output characteristics of the
MPX53/MPXV53GC series over temperature.
The piezoresistive pressure sensor element is a
semiconductor device which gives an electrical output signal
proportional to the pressure applied to the device. This device
uses a unique transverse voltage diffused semiconductor
strain gauge which is sensitive to stresses produced in a thin
silicon diaphragm by the applied pressure.
Because this strain gauge is an integral part of the silicon
diaphragm, there are no temperature effects due to
differences in the thermal expansion of the strain gauge and
the diaphragm, as are often encountered in bonded strain
gauge pressure sensors. However, the properties of the
strain gauge itself are temperature dependent, requiring that
the device be temperature compensated if it is to be used
over an extensive temperature range.
Temperature compensation and offset calibration can be
achieved rather simply with additional resistive components,
or by designing your system using the MPX2053 series
sensors.
Several approaches to external temperature
compensation over both –40 to +125°C and 0 to +80°C
ranges are presented in Freescale Application Note AN840.
Figure 2. Output vs. Pressure Differential
LINEARITY
Linearity refers to how well a transducer's output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range (see Figure 3). There are two basic methods
for calculating nonlinearity: (1) end point straight line fit or
(2) a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user.
Freescale’s specified pressure sensor linearities are based
on the end point straight line method measured at the
midrange pressure.
Figure 3. Linearity Specification Comparison
100
01
2
3
4
5
6
7
8
10
20
30
40
50
PSI
kPa 0
Pressure Differential
90
80
70
60
50
40
30
20
10
0
Span
Range
(Typ)
+125×C
+25°C
MPX53
VS = 3 Vdc
P1 > P2
–40°C
Offset
(Typ)
Offset
(VOFF)
70
60
50
40
30
20
10
0
0MAX
POP
Span
(VFSS)
Pressure (kPA)
Actual
Theoretical
Linearity
90
80



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com