Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX53D
Description  50 kPa Uncompensated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX53D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX53D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX53D Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MPX53
Sensors
Freescale Semiconductor
5
Figure 4. Unibody Package: Cross Sectional Diagram (Not to Scale)
Figure 4 illustrates the differential or gauge configuration
in the unibody chip carrier (Case 344). A silicone gel isolates
the die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the silicon
diaphragm.
The MPX53/MPXV53GC series pressure sensor
operating characteristics and internal reliability and
qualification tests are based on use of dry air as the pressure
media. Media other than dry air may have adverse effects on
sensor performance and long term reliability. Contact the
factory for information regarding media compatibility in your
application.
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Freescale MPX
pressure sensor is designed to operate with positive
differential pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
following table.
Silicone
Die Coat
Die
P1
P2
Wire Bond
Lead Frame
RTV Die
Bond
Epoxy
Case
Stainless Steel
Metal Cover
Part Number
Case Type
Pressure (P1) Side
Identifier
MPX53D
344
Stainless Steep Cap
MPX53DP
344C
Side with Port Marking
MPX53GP
344B
Side with Port Attached
MPX53GC Series
482A, 482C Side with Port Attached



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com