Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4101A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX4101A
Description  Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4101A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX4101A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MPX4101A
Sensors
4
Freescale Semiconductor
ON-CHIP TEMPERATURE COMPENSATION AND CALIBRATION
Figure 2 illustrates an absolute sensing chip in the super
small outline package (Case 1317).
Figure 4 shows the sensor output signal relative to
pressure input. Typical, minimum, and maximum output
curves are shown for operation over a temperature range of
0° to 85°C. The output will saturate outside of the specified
pressure range.
A fluorosilicone gel isolates the die surface and wire bonds
from the environment, while allowing the pressure signal to
be transmitted to the sensor diaphragm. The MPX4101A/
MPXA4101A/MPXH6101A series pressure sensor operating
characteristics, and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media,
other than dry air, may have adverse effects on sensor
performance and long-term reliability. Contact the factory for
information regarding media compatibility in your application.
Figure 3 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller. Proper decoupling of
the power supply is recommended.
Figure 2. Cross Sectional Diagram SSOP (not to scale)
Figure 3. Recommended Power Supply Decoupling and
Output Filtering
Figure 4. Output versus Absolute Pressure
Fluoro Silicone
Gel Die Coat
Die
Stainless
Steel Cap
Thermoplastic Case
Wire Bond
Lead Frame
Absolute Element
Die Bond
Sealed Vacuum Reference
P1
VS Pin 2
+5.1 V
GND Pin 3
to ADC
100 nF
51 K
47 pF
MPXH6101A
Vout Pin 4
5.0
3.5
4.0
4.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TYP
MAX
MIN
Pressure (ref: to sealed vacuum) in kPa
Transfer Function:
Vout = Vs* (PX0.01059*P-0.10941) ± Error
VS = 5.1 Vdc
Temperature = 0 to 85°C
20 kPa to 105 kPa
MPX4101A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com