Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4101A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX4101A
Description  Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4101A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX4101A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4101A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MPX4101A
Rev 6, 12/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Integrated Silicon Pressure Sensor
for Manifold Absolute Pressure
Applications On-Chip Signal
Conditioned, Temperature
Compensated and Calibrated
The Freescale MPX4101A/MPXA4101A/MPXH6101A series Manifold
Absolute Pressure (MAP) sensor for engine control is designed to sense
absolute air pressure within the intake manifold. This measurement can be used
to compute the amount of fuel required for each cylinder. The small form factor
and high reliability of on-chip integration makes the Freescale MAP sensor a
logical and economical choice for automotive system designers.
The MPX4101A/MPXA4101A/MPXH6101A series piezoresistive transducer
is a state-of-the-art, monolithic, signal conditioned, silicon pressure sensor. This
sensor combines advanced micromachining techniques, thin film metallization,
and bipolar semiconductor processing to provide an accurate, high level analog
output signal that is proportional to applied pressure.
Features
•
1.72% Maximum Error Over 0° to 85°C
•
Specifically Designed for Intake Manifold Absolute Pressure Sensing in
Engine Control Systems
•
Temperature Compensated Over –40°C to +125°C
•
Durable Epoxy Unibody Element or Thermoplastic (PPS) Surface Mount Package
Typical Applications
•
Manifold Sensing for Automotive Systems
•
Ideally Suited for Microprocessor or Microcontroller-Based Systems
•
Also Ideal for Non-Automotive Applications
UNIBODY PACKAGE PIN NUMBERS(1)
1. Pins 4, 5, and 6 are internal device connections. Do not connect to external circuitry or
ground. Pin 1 is noted by the notch in the lead.
1
VOUT
4
N/C
2
GND
5
N/C
3
VS
6
N/C
SMALL OUTLINE PACKAGE
PIN NUMBERS(1)
1. Pins 1, 5, 6, 7, and 8 are internal device connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the notch in the lead.
SUPER SMALL OUTLINE PACKAGE
PIN NUMBERS(1)
1
N/C
5
N/C
1
N/C
5
N/C
2
VS
6
N/C
2
VS
6
N/C
3
GND
7
N/C
3
GND
7
N/C
4
VOUT
8
N/C
4
VOUT
8
N/C
ORDERING INFORMATION
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Device Marking
UNIBODY PACKAGE (MPX4101A SERIES)
Basic Element
Absolute, Element Only
867
MPX4101A
—
MPX4101A
SMALL OUTLINE PACKAGE (MPXA4101A SERIES)
Ported Element
Absolute, Axial Port
482A
MPXA4101AC6U
Rails
MPXA4101A
SUPER SMALL OUTLINE PACKAGE (MPXA6101A SERIES)
Basic Element
Absolute, Element Only
1317
MPXH6101A6U
Rails
MPXH6101A
Absolute, Element Only
1317
MPXH6101A6T1
Tape and Reel
MPXH6101A
MPX4101A
MPXA4101A
MPXH6101A
SERIES
INTEGRATED
PRESSURE SENSOR
15 TO 102 kPA
(2.18 TO 14.8 psi)
0.25 TO 4.95 V OUTPUT
SMALL OUTLINE PACKAGE
MPXA4101AC6U
CASE 482A-01
UNIBODY PACKAGE
MPX4101A
CASE 867-O8
SUPER SMALL OUTLINE PACKAGE
MPXH6101A6U/6T1
CASE 1317-04


Similar Part No. - MPX4101A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4101A MOTOROLA-MPX4101A Datasheet
134Kb / 8P
INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
MPX4101AP MOTOROLA-MPX4101AP Datasheet
134Kb / 8P
INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
MPX4101AS MOTOROLA-MPX4101AS Datasheet
134Kb / 8P
INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
MPX4101ASX MOTOROLA-MPX4101ASX Datasheet
134Kb / 8P
INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
More results

Similar Description - MPX4101A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXAZ4115A FREESCALE-MPXAZ4115A Datasheet
286Kb / 7P
MEDIA RESISTANT, INTEGRATED SILICON PRESSURE SENSOR FOR MANIFOLD ABSOLUTE PRESSURE, ALTIMETER OR BAROMETER APPLICATIONS ON-CHIP SIGNAL CONDITIONED, TE
MP3H6115A FREESCALE-MP3H6115A Datasheet
270Kb / 12P
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MPX4105A FREESCALE-MPX4105A Datasheet
177Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned
MPX4200A FREESCALE-MPX4200A Datasheet
161Kb / 6P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPXAZ4100A FREESCALE-MPXAZ4100A Datasheet
194Kb / 8P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal
MPXV6115V FREESCALE-MPXV6115V_12 Datasheet
111Kb / 9P
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
logo
NXP Semiconductors
MPX4100A NXP-MPX4100A Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
MPX4105A NXP-MPX4105A Datasheet
113Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 8, 1/2009
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
MPXAZ4100A NXP-MPXAZ4100A Datasheet
229Kb / 8P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com