Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202D Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPXM2202D
Description  200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2202D Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

  MPXM2202D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MPXM2202
Sensors
Freescale Semiconductor
7
PACKAGE DIMENSIONS
CASE 1320A-02
ISSUE A
PIN 4
PIN 1
PAGE 1 OF 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com