Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202D Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXM2202D
Description  200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2202D Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXM2202D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2202D Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MPXM2202
Sensors
2
Freescale Semiconductor
Figure 1 shows a block diagram of the internal circuitry on the stand-alone pressure sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VOLTAGE OUTPUT VERSUS
APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly
proportional to the differential pressure applied.
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the pressure
side relative to the vacuum side. Similarly, output voltage
increases as increasing vacuum is applied to the vacuum
side relative to the pressure side.
VS
3
Sensing
Element
Thin Film
Temperature
Compensation
and
Calibration
Circuitry
2
4
VOUT+
VOUT-
1
GND
X-ducer
Table 1. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure
Pmax
400
kPa
Storage Temperature
Tstg
-40 to +125
°C
Operating Temperature
TA
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com