Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXY8020A Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPXY8020A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8020A Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPXY8020A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MPXY8020A
13
Motorola Sensor Device Data
PACKAGE DIMENSIONS
CASE 1352–01
ISSUE O
D
E
e/2
N
e
A
M
0.004 (0.1)
B
C
A
E1
A
B
C
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M-1994.
3. DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152)
PER SIDE.
4. ALL VERTICAL SURFACES TO BE 5° MAXIMUM.
5. DIMENSION "b" DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.008 (0.203) MAXIMUM.
0.004 (0.1)
A
0.006 (0.15)
B
C
GAGE
DETAIL G
L
A1
θ
.014 (0.35)
8X b
2 PLACES 4 TIPS
DETAIL G
SEATING
PLANE
8X
P
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.155
0.175
3.93
4.44
INCHES
A1
0.002
0.010
0.05
0.25
b
0.014
0.019
0.35
0.48
D
0.280
0.300
7.11
7.62
E
0.400
0.420
10.16
10.67
E1
0.280
0.300
7.11
7.62
e
L
0.013
0.023
0.33
0.58
N
0.272
0.292
6.91
7.41
P
0.009
0.011
0.23
0.28
R
0.140
0.160
3.55
4.06
0
7
0
7
0.050 BSC
°°
°
°
1.27 BSC
θ
PLANE
1
4
8
5
R
∅
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com