Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXY8020A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXY8020A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8020A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXY8020A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXY8020A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPXY8020A
2
Motorola Sensor Device Data
8-Bit
Current
Source
+
–
f
LF
Figure 1. MPXY8020A Block Diagram
AVSS
AVSS
AVSS
Digital
Control
Power
Control
Clock
Gen
PX
PREF
P-Cell
C to V
Convert
AMP
fHF
Internal
HF OSC.
P-Off
Trim
P-Gain
Trim
P-TCO
Trim
P-TCS
Trim
T-Off
Trim
2-Chan
MUX
t
PTC
Res.
2-Chan
MUX
VDD
S1
S0
CLK
Data
RST
OUT
VSS
COMP
3-Chan
MUX
Lock
Internal LF
OSC.
14-Stage
Divider
Sample CAP
10-Stage
Divider
8-Bit
D/A
Register
Package Pinout
The pinout for this 8–pin SSOP device is shown in Figure 2.
Figure 2. MPXY8020A Device Pinout
S1 - 1
VDD - 2
VSS - 3
OUT - 4
8-pin Super Small Outline Package (SSOP)
8 - SO
7 - CLK
6 - DATA
5 - RST
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com