Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7580025 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 7580025
Description  Isolating switching amplifier 2-channel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

7580025 Datasheet(HTML) 1 Page - Turck, Inc.

  7580025 Datasheet HTML 1Page - Turck, Inc. 7580025 Datasheet HTML 2Page - Turck, Inc. 7580025 Datasheet HTML 3Page - Turck, Inc. 7580025 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 4
Isolating switching amplifier
2-channel
IMX12-DI01-2S-2PP-PR/24VDC
Sensors according to EN 60947-5-6 (NAMUR)
or potential-free contacts can be connected to
the IMX12-DI01-2S-2PP-PR/24VDC isolating
switching amplifier. The device is equipped
with two channels, but can also be used as a
splitter. The device is equipped with intrinsi-
cally safe input circuits and can be installed in
zone 2. The output circuit is equipped with 2
push/pull outputs with a high cut-off frequency
(15 kHz). The device can be powered from a
power bridge that also transmits a collective
fault signal. The device complies with the re-
quirements of NE21.
The devices feature DIP switches on the
front. This allows to select between the output
mode, the input circuit monitoring, as well as
toggle between signal duplication and 1-chan-
nel operation. When using mechanical con-
tacts, either line monitoring must be switched
off or the contact must be wired with resistors
(see wiring diagram).
The device can be used in safety circuits up to
SIL2 (high and low demand according to IEC
61508).
The device is equipped with removable screw
terminals.
■ Two transistor outputs (push-pull)
■ Switchable: 2-channel or signal doubling
■ Output mode adjustable (NO/NC mode)
■ Input circuits monitored for wire-break/
short-circuit (ON/OFF switchable)
■ Complete galvanic isolation
■ Input reverse-polarity protected
■ Removable screw terminals
■ Power bridge (connector incl. in delivery)
■ ATEX, IECEx, NEPSI, cUL, cFM IN-
METRO, Kosha, TR CU EAC
■ Installation in zone 2
■ SIL 2


Similar Part No. - 7580025

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
7580020 TURCK-7580020 Datasheet
229Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
7580021 TURCK-7580021 Datasheet
354Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
7580022 TURCK-7580022 Datasheet
228Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
7580023 TURCK-7580023 Datasheet
388Kb / 5P
Isolating switching amplifier 2-channel
2023-07-21
7580024 TURCK-7580024 Datasheet
226Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
More results

Similar Description - 7580025

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
Isolating / Safety Switching Barrier
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
PHOENIX CONTACT
2810078 PHOENIX-2810078 Datasheet
306Kb / 10P
Configurable 3-way isolating amplifier
2810793 PHOENIX-2810793 Datasheet
317Kb / 12P
Configurable 3-way isolating amplifier
2865405 PHOENIX-2865405 Datasheet
387Kb / 9P
Output isolating amplifier Ex
2924087 PHOENIX-2924087 Datasheet
313Kb / 12P
Intrinsically safe NAMUR isolating amplifier, 2-channel, with relay output
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com