Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7580025 Datasheet(PDF) 3 Page - Turck, Inc.

Part # 7580025
Description  Isolating switching amplifier 2-channel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

7580025 Datasheet(HTML) 3 Page - Turck, Inc.

  7580025 Datasheet HTML 1Page - Turck, Inc. 7580025 Datasheet HTML 2Page - Turck, Inc. 7580025 Datasheet HTML 3Page - Turck, Inc. 7580025 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com3 / 4
Mechanical data
Protection class
IP20
Flammability class acc. to UL 94
V-0
Ambient temperature
-25…+70 °C
Storage temperature
-40…+80 °C
Dimensions
120 x 12.5 x 117 mm
Weight
161 g
Mounting instructions
DIN rail (NS35)
Housing material
Polycarbonate/ABS
Electrical connection
Removable screw terminals, 2-pin
Connection variant
Power bridge with collective fault signal
Terminal cross-section
0.2…2.5 mm² (AWG: 24…14)
Tightening torque
0.5 Nm
Tightening torque
4.43 LBS-Inch
Environmental conditions
Operating height
Up to 2000 m above sea
level
Pollution degree
II
Surge/Overvoltage cate-
gory
II (EN 61010-1)
Standards used
Voltage resistance and
insulation
EN 50178
EN 61010-1
EN 50155
GL VI-7-2
Shock
EN 61373 class B
EN 50155
GL VI-7-2
EN 60068-2-6
EN 60068-2-27
Temperature
EN 60068-2-1 Ad
EN 50155
GL VI-7-2
EN 60068-2-2 Bd
EN 60068-2-1
Air humidity
EN 60068-2-38
EMC
EN 50155
GL VI-7-2
NE21
EN 61326-1
EN 61326-3-1
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
EN 61000-4-6
EN 61000-4-11
EN 61000-4-29
EN 55011
EN 55016
EN 50121-3-2
EN 61000-6-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com