Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3AB2EAA Datasheet(PDF) 1 Page - OTTO Engineering, Inc

Part # K3AB2EAA
Description  SEALED, ILLUMINATED ROCKER SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

K3AB2EAA Datasheet(HTML) 1 Page - OTTO Engineering, Inc

  K3AB2EAA Datasheet HTML 1Page - OTTO Engineering, Inc K3AB2EAA Datasheet HTML 2Page - OTTO Engineering, Inc K3AB2EAA Datasheet HTML 3Page - OTTO Engineering, Inc K3AB2EAA Datasheet HTML 4Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEALED, ILLUMINATED ROCKER SWITCHES
SEALED
ROCKERS
K3
68
OTTO CONTROLS • 2005 Full Line Catalog
Specifications Subject To Change Without Notice
ATTRACTIVE AND RUGGED FOR WET AND DUSTY ENVIRONMENTS
The OTTO K3 series is a quality, precision switch designed
to comply with standards established for appliance, marine (ignition
protection) and off-road vehicles along with other demanding
applications where rugged rocker switches are required.
K3 series sealed rocker switches snap into industry-standard panel
cutouts. Choose illuminated and printed legends, thru-panel drain
option, and switching compatibility from low level to 20 amps.
The K3 series offers a choice of LED, incandescent and neon illumination.
Legends can be stamped onto a non-illuminated button, stamped onto
an illuminated lens,or laser etched into the lens and backlit.
Available in standard and low level contact ratings, the K3
rockers will fit a wide range of applications.Expect a minimum of
25,000 cycles at a full rated load of 20 amps resistive or
15 amps inductive. 100,000 cycles are possible at low level loads. A
full complement of switch operation is available including momentary
and maintained action in 2- or 3-position switches in SPST, SPDT,
SPTT, DPST, and DPDT circuit arrangements.
OTTO can provide custom colors upon request. Value-added
assemblies with wire leads are also available. Please consult the
factory for assistance.
Quality Features:
• Submersible, sealed watertight per IP68
•Snap-in panel mounting into industry standard
panel cutout
•Optional panel seal gasket
• Thru-panel drain option
•LED,neon and incandescent lighting
•.250" Q.C. terminals
•Optional one-piece connector
•Optional terminal barriers
•Low level to 20 amp switch
Standard Characteristics/Ratings:
OPERATIONAL:
Mechanical Life:
100,000 cycles, minimum
Seal:
Watertight. Submersible to IP68
Operating Temperature Range: -40°C to +85°C
Button/Case:
Thermoplastic.
Mounting:
Snap-In from front into industry standard panel cutout
Contacts:
Silver Alloy. Gold flash for low level
Terminals:
Brass 1/4" Q.C. Standard
Light Source:
6V,12V,24V Incandescent; 125V, 250V Neon; 2V, 6V, 12V,
24V red, green, amber LED
ELECTRICAL:
LOAD
CURRENT RATING
LIFE
Type
12V & 28V
110VAC
(Min.)
Resistive
20A16A
25,000 cycles
Inductive15A
15A25,000 cycles
Lamp
5A
5A
25,000 cycles
Motor Load:
1/2 HP at 110 VAC
Dielectric Withstand:
1050 Vrms except across light terminals
Compliance Standards (Pending):
EN61508-1 for appliance switches
UL 1054 for special use switches
UL 1500 for ignition protection of marine products
SAE J1455 for heavy duty trucks


Similar Part No. - K3AB2EAA

ManufacturerPart #DatasheetDescription
logo
OTTO Engineering, Inc
K3AB2AAA OTTO-K3AB2AAA Datasheet
927Kb / 3P
ATTRACTIVE & RUGGED FOR WET & DUSTY ENVIRONMENTS
K3AB2AAB OTTO-K3AB2AAB Datasheet
927Kb / 3P
ATTRACTIVE & RUGGED FOR WET & DUSTY ENVIRONMENTS
K3AB2AAC OTTO-K3AB2AAC Datasheet
927Kb / 3P
ATTRACTIVE & RUGGED FOR WET & DUSTY ENVIRONMENTS
K3AB2AAD OTTO-K3AB2AAD Datasheet
927Kb / 3P
ATTRACTIVE & RUGGED FOR WET & DUSTY ENVIRONMENTS
K3AB2ABA OTTO-K3AB2ABA Datasheet
927Kb / 3P
ATTRACTIVE & RUGGED FOR WET & DUSTY ENVIRONMENTS
More results

Similar Description - K3AB2EAA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
Illuminated Power Rocker Switches
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
Miniature Illuminated Power Rocker Switches
ET01J1ABE2 ITT-ET01J1ABE2 Datasheet
765Kb / 7P
Sealed Subminiature Rocker Switches
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
Illuminated Power Rocker Switches
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
Miniature Illuminated Power Rocker Switches
ET01J1ABE2 CK-COMPONENTS-ET01J1ABE2 Datasheet
453Kb / 6P
Sealed Subminiature Rocker Switches
logo
E-SWITCH
LASEEU110RED E-SWITCH-LASEEU110RED Datasheet
512Kb / 4P
PUSHBUTTON SWITCHES - SEALED ILLUMINATED
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
Illuminated Rocker Switches
logo
C&K Components
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
Illuminated Power Rocker Switches
2003
ETROCKER CK-COMPONENTS-ETROCKER Datasheet
819Kb / 6P
Sealed Subminiature Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com