Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3AB2EAA Datasheet(PDF) 4 Page - OTTO Engineering, Inc

Part # K3AB2EAA
Description  SEALED, ILLUMINATED ROCKER SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

K3AB2EAA Datasheet(HTML) 4 Page - OTTO Engineering, Inc

  K3AB2EAA Datasheet HTML 1Page - OTTO Engineering, Inc K3AB2EAA Datasheet HTML 2Page - OTTO Engineering, Inc K3AB2EAA Datasheet HTML 3Page - OTTO Engineering, Inc K3AB2EAA Datasheet HTML 4Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SEALED, ILLUMINATED ROCKER SWITCHES
SEALED
ROCKERS
K3
Specifications Subject To Change Without Notice
OTTO CONTROLS • www.ottoeng.com
71
ATTRACTIVE AND RUGGED FOR WET & DUSTY ENVIRONMENTS
Part Numbering Example:
K3DB1ENJ-21T1T2994
Switch Description
K3 rocker switch
for low level switching, without
terminal barriers
featuring a black rocker and bezel
without drain holes
in a SPDT,
Mom On – Off – Mom On
circuit arrangement
with 12VDC red LEDs
lit independently in
both positions
Switch Description
Green lens in Position Aand
a Red lens in Position C are
respectively pad-printed with
Rabbit Legend in Position A
Turtle legend in Position B
both in white
with the legends rotated 270° so
that the switch can be mounted
in the panel vertically with the
Rabbit at the top of the switch
K3
D
B
1E
N
J
-
2
1
T1
T2
9
9
4
NU MB E R ING COD E
-
X
X
X X
X X
X
X
X
Lens ColorLegend Style
Legend Color
Legend
Position
Position
Position
Position
Position
Position
Rotation
"A"
"C"
"A"
"C"
"A"
"C"
1. Transparent Red
1. Transparent Red
List “ZZ” in each postion for no legend
1. Red
1. Red
1. Standard
2. Transparent Green
2. Transparent Green
2. Black
2. Black
3. Transparent Amber 3. Transparent Amber
Refer to Legend Table for Legend Codes.
9. White
9. White
2. 90°
4. Clear
4. Clear
B. BackLit/
B. Backlit/
5. Translucent White
5. Translucent White
Daylight
Daylight
3. 180°
Z. No Lens
Z. No Lens
White
White
D. Backlit/
D. Backlit/
4. 270°
* Use with neon lamps
Deadfront
Deadfront
Z. No Legend
Z. No Legend
.
Stop Here for lighted
switches without legends.
The switch you have specified
will be supplied with a rocker
button with lenses, but
without legends.
Example: K3AAIFNH-44
Note
It is not recommended to use
green LED’s with translucent
white lenses. This will reduce
light intensity.
Connector: Part Number 801775-2A without latches.
Part Number 801775-2B with latches.
Panel Seal Gasket: Part Number 807037.
Order separately for use with switches without drain holes.
Panel Plug: Part Number K300000040.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com