Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAP70AM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP70AM
Description  Silicon PIN diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP70AM Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP70AM Datasheet HTML 1Page - NXP Semiconductors BAP70AM Datasheet HTML 2Page - NXP Semiconductors BAP70AM Datasheet HTML 3Page - NXP Semiconductors BAP70AM Datasheet HTML 4Page - NXP Semiconductors BAP70AM Datasheet HTML 5Page - NXP Semiconductors BAP70AM Datasheet HTML 6Page - NXP Semiconductors BAP70AM Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BAP70AM_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2006
2 of 7
NXP Semiconductors
BAP70AM
Silicon PIN diode array
4.
Marking
5.
Limiting values
6.
Thermal characteristics
Table 3.
Marking
Type number
Marking code
BAP70AM
N9
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
50
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp =90 °C
-
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
260
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com