Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAP70AM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAP70AM
Description  Silicon PIN diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP70AM Datasheet(HTML) 3 Page - NXP Semiconductors

  BAP70AM Datasheet HTML 1Page - NXP Semiconductors BAP70AM Datasheet HTML 2Page - NXP Semiconductors BAP70AM Datasheet HTML 3Page - NXP Semiconductors BAP70AM Datasheet HTML 4Page - NXP Semiconductors BAP70AM Datasheet HTML 5Page - NXP Semiconductors BAP70AM Datasheet HTML 6Page - NXP Semiconductors BAP70AM Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BAP70AM_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2006
3 of 7
NXP Semiconductors
BAP70AM
Silicon PIN diode array
7.
Characteristics
Table 6.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.9
1.1
V
IR
reverse current
VR = 50 V
-
-
<100
nA
Cd
diode capacitance
see Figure 1; f = 1 MHz;
-
VR = 0 V
-
570
-
fF
VR = 1 V
-
400
-
fF
VR = 5 V
-
270
-
fF
VR = 20 V
-
200
250
fF
rD
diode forward resistance
see Figure 2; f = 100 MHz;
-
IF = 0.5 mA
-
77
100
Ω
IF = 1 mA
-
40
50
Ω
IF = 10 mA
-
5.4
7
Ω
IF = 100 mA
-
1.4
1.9
Ω
τL
charge carrier life time
when switched from IF = 10 mA to
IR = 6 mA; RL = 100 Ω; measured at
IR =3mA
-
1.25
-
µs
LS
series inductance
IF = 100 mA; f = 100 MHz
-
0.6
-
nH
f = 1 MHz; Tj =25 °C.
f = 100 MHz; Tj =25 °C.
Fig 1.
Diode capacitance as a function of reverse
voltage; typical values
Fig 2.
Diode forward resistance as a function of
forward current; typical values
VR (V)
020
15
510
001aaa461
400
300
500
600
Cd
(fF)
200
103
102
10
1
mce007
10−1
110
rD
(
Ω)
IF (mA)
102



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com