Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7821 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7821
Description  30V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7821 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7821 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Static @ TJ= 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
0.025
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
7.0
9.1
m
Ω
9.5
12.5
VGS(th)
Gate Threshold Voltage
1.0
V
∆VGS(th)
Gate Threshold Voltage Coefficient
- 4.9
mV/°C
IDSS
Drain-to-Source Leakage Current
1.0
µA
150
IGSS
Gate-to-Source Forward Leakage
100
nA
Gate-to-Source Reverse Leakage
-100
gfs
Forward Transconductance
22
S
Qg
Total Gate Charge
9.3
14
Qgs1
Pre-Vth Gate-to-Source Charge
2.5
Qgs2
Post-Vth Gate-to-Source Charge
0.8
nC
Qgd
Gate-to-Drain Charge
2.9
Qgodr
Gate Charge Overdrive
3.1
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
3.7
Qoss
Output Charge
6.1
nC
td(on)
Turn-On Delay Time
6.3
tr
Rise Time
2.7
td(off)
Turn-Off Delay Time
9.7
ns
tf
Fall Time
7.3
Ciss
Input Capacitance
1010
Coss
Output Capacitance
360
pF
Crss
Reverse Transfer Capacitance
110
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
dh
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
3.1
(Body Diode)
A
ISM
Pulsed Source Current
100
(Body Diode)
Ùh
VSD
Diode Forward Voltage
1.0
V
trr
Reverse Recovery Time
28
42
ns
Qrr
Reverse Recovery Charge
23
35
nC
ID = 10A
VGS = 0V
VDS = 15V
VGS = 4.5V, ID = 10A
e
VGS = 4.5V
Typ.
VDS = VGS, ID = 250µA
Clamped Inductive Load
VDS = 15V, ID = 10A
VDS = 24V, VGS = 0V, TJ = 125°C
TJ = 25°C, IF = 10A, VDD = 20V
di/dt = 100A/µs
e
TJ = 25°C, IS = 10A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VDS = 10V, VGS = 0V
VDD = 15V, VGS = 4.5V e
ID = 10A
VDS = 15V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 13A e
Conditions
Max.
44
10
ƒ = 1.0MHz
IRF7821
30V N-Channel MOSFET
Rev:2023A2
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com