Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7821 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7821 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7821
Download  IRF7821 Download
File Size   654.02 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel MOSFET

IRF7821 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7821 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7821
Download  IRF7821 Click to download

File Size   654.02 Kbytes
Page   9 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel MOSFET

IRF7821 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7821 Product details

Applications
High Frequency Point-of-Load
Synchronous Buck Converter for
Applications in Networking &
Computing Systems.
Lead-Free

Benefits
Very Low RDS(on) at 4.5V VGS
Low Gate Charge
Fully Characterized Avalanche Voltage
and Current

Features
(VGS = 10V)
VDS (V) =30V
ID = 13 A
RDS(ON) < 9 .1mΩ(VGS=10V)
RDS(ON) < 12.5 mΩ(VGS=4.5V)




Similar Part No. - IRF7821

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
210Kb / 10P
Power MOSFET
IRF7821 IRF-IRF7821 Datasheet
1Mb / 15P
IRU3146 EVALUATION BOARD USER GUIDE
logo
Texas Instruments
IRF7821 TI-IRF7821 Datasheet
909Kb / 33P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
Richtek Technology Corp...
IRF7821 RICHTEK-IRF7821 Datasheet
330Kb / 18P
6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
More results


Similar Description - IRF7821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com