Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP2124 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PFP2124
Description  HEX SETS A2 SS M16X80 (PK 10)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PFP2124 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PFP2124 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HEX SETS A2 SS M16X80 (PK 10)
DIN 933 grade A2 stainless steel multi-purpose set screws
Hexagonal head
Fully threaded
Head type
Hexagon
Length / Height, external
80 mm
Length
80 mm
Material
A2 Stainless Steel
Plating
Unplated
RoHS Compliant
YES
Thread size
M16 x 80


Similar Part No. - PFP2124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFP2126 ETC-PFP2126 Datasheet
30Kb / 1P
RBK HEX SETS A2 SS M20X40 (PK 10)
PFP2127 ETC-PFP2127 Datasheet
65Kb / 1P
RBK HEX SETS A2 SS M20X50 (PK 10)
PFP2128 ETC-PFP2128 Datasheet
30Kb / 1P
RBK HEX SETS A2 SS M20X60 (PK 10)
More results

Similar Description - PFP2124

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
734154550 MOLEX-734154550 Datasheet
56Kb / 1P
PRECISION HEX CRIMP TOOL W/INTERCHIN DIE SETS
2004/10/06
logo
PHOENIX CONTACT
3274049 PHOENIX-3274049 Datasheet
473Kb / 18P
Distribution block - PTFIX 10/18X4-G PK
Jul 29, 2022
3273653 PHOENIX-3273653 Datasheet
478Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 PK
Nov 30, 2022
3273741 PHOENIX-3273741 Datasheet
500Kb / 19P
Distribution block - PTFIX 10/6X4-NS35A PK
Jul 29, 2022
3273763 PHOENIX-3273763 Datasheet
477Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A PK
Jul 29, 2022
3274027 PHOENIX-3274027 Datasheet
468Kb / 18P
Distribution block - PTFIX 10/12X4-G PK
Jul 29, 2022
3273873 PHOENIX-3273873 Datasheet
565Kb / 21P
Distribution block - PTFIX 10/6X4 PK
Jul 29, 2022
3273895 PHOENIX-3273895 Datasheet
542Kb / 21P
Distribution block - PTFIX 10/12X4 PK
Jul 29, 2022
3273917 PHOENIX-3273917 Datasheet
546Kb / 21P
Distribution block - PTFIX 10/18X4 PK
Nov 30, 2022
3273609 PHOENIX-3273609 Datasheet
497Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 PK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com