Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4BC40WL Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC40WL
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC40WL Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC40WL Datasheet HTML 1Page - International Rectifier IRG4BC40WL Datasheet HTML 2Page - International Rectifier IRG4BC40WL Datasheet HTML 3Page - International Rectifier IRG4BC40WL Datasheet HTML 4Page - International Rectifier IRG4BC40WL Datasheet HTML 5Page - International Rectifier IRG4BC40WL Datasheet HTML 6Page - International Rectifier IRG4BC40WL Datasheet HTML 7Page - International Rectifier IRG4BC40WL Datasheet HTML 8Page - International Rectifier IRG4BC40WL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
40
IC @ TC = 100°C
Continuous Collector Current
20
A
ICM
Pulsed Collector Current 
160
ILM
Clamped Inductive Load Current ‚
160
VGE
Gate-to-Emitter Voltage
± 20
V
EARV
Reverse Voltage Avalanche Energy ƒ
160
mJ
PD @ TC = 25°C
Maximum Power Dissipation
160
PD @ TC = 100°C Maximum Power Dissipation
65
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (0.063 in. (1.6mm) from case )
°C
INSULATED GATE BIPOLAR TRANSISTOR
PD - 95861
E
C
G
n-channel
Features
• Designed expressly for Switch-Mode Power
Supply and PFC (power factor correction)
applications
• Industry-benchmark switching losses improve
efficiency of all power supply topologies
• 50% reduction of Eoff parameter
• Low IGBT conduction losses
• Latest-generation IGBT design and construction offers
tighter parameters distribution, exceptional reliability
• Lower switching losses allow more cost-effective
operation than power MOSFETs up to 150 kHz
("hard switched" mode)
• Of particular benefit to single-ended converters and
boost PFC topologies 150W and higher
• Low conduction losses and minimal minority-carrier
recombination make these an excellent option for
resonant mode switching as well (up to >>300 kHz)
Benefits
VCES = 600V
VCE(on) typ. = 2.05V
@VGE = 15V, IC = 20A
Absolute Maximum Ratings
W
4/19/04
www.irf.com
1
D2Pak
IRG4BC40WS
TO-262
IRG4BC40WL
IRG4BC40WS
IRG4BC40WL
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.77
RθCS
Case-to-Sink, Flat, Greased Surface
0.5
–––
°C/W
RθJA
Junction-to-Ambient (PCB Mounted steady-state)
–––
40
Wt
Weight
2.0 (0.07)
–––
g (oz)
Thermal Resistance


Similar Part No. - IRG4BC40WL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40W IRF-IRG4BC40W Datasheet
129Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
logo
Inchange Semiconductor ...
IRG4BC40W ISC-IRG4BC40W Datasheet
602Kb / 3P
Standard IGBT
logo
International Rectifier
IRG4BC40WPBF IRF-IRG4BC40WPBF Datasheet
207Kb / 9P
ISSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WPBF IRF-IRG4BC40WPBF Datasheet
283Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WPBF IRF-IRG4BC40WPBF_15 Datasheet
283Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4BC40WL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60SP IRF-GA200SA60SP Datasheet
322Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF Datasheet
252Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4P254SPBF IRF-IRG4P254SPBF Datasheet
329Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC10SPBF IRF-IRG4BC10SPBF Datasheet
266Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG7PH50UPBF IRF-IRG7PH50UPBF Datasheet
366Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC20WPBF IRF-IRG4BC20WPBF Datasheet
209Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRGP4066PBF IRF-IRGP4066PBF Datasheet
275Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com