Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5219 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA5219
Description  Wideband variable gain amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5219 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA5219 Datasheet HTML 9Page - NXP Semiconductors SA5219 Datasheet HTML 10Page - NXP Semiconductors SA5219 Datasheet HTML 11Page - NXP Semiconductors SA5219 Datasheet HTML 12Page - NXP Semiconductors SA5219 Datasheet HTML 13Page - NXP Semiconductors SA5219 Datasheet HTML 14Page - NXP Semiconductors SA5219 Datasheet HTML 15Page - NXP Semiconductors SA5219 Datasheet HTML 16Page - NXP Semiconductors SA5219 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Philips Semiconductors
Product specification
SA5219
Wideband variable gain amplifier
1997 Nov 07
13
10
100
1000
16
T = 25
°C
VAGC = 1.1V
RS = RL = 50Ω
Rt = ∞ on INA
See test-setup 1
Frequency (MHz)
0
Ω Termination
on INB
50
Ω Termination
on INB
14
12
10
8
6
4
2
0
SR00303
Figure 31. Noise Figure vs Frequency
1.4
–100
50
150
100
Temperature (
°C)
0
–50
1.35
1.3
1.25
1.2
1.15
1.1
1.05
1
Bandgap Load = 2k
Ω
VCC = 7.0V
VCC = 6.0V
VCC = 5.0V
VCC = 4.5V
SR00304
Figure 32. Bandgap Voltage vs Temperature and VCC
12
10
8
6
4
2
0
–60
–10
40
90
140
Temperature (
°C)
RS = RL = 50Ω
Rt = 50Ω
R1 = R2 = 10k
f = 100MHz
See Figure 10
SR00305
Figure 33. Fixed Gain vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com