Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF340M Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF340M
Description  10 AMP 400Volts 0.55OHM N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF340M Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF340M Datasheet HTML 1Page - Solid States Devices, Inc SFF340M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFF340M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF340 SSDI-SFF340 Datasheet
218Kb / 2P
10 AMP 400Volts 0.55OHM N-Channel POWER MOSFET
SFF340-28 SSDI-SFF340-28 Datasheet
246Kb / 2P
10 AMP 400Volts 0.58OHM N-Channel POWER MOSFET
SFF340-66 SSDI-SFF340-66 Datasheet
87Kb / 2P
10 AMP 400 VOLTS 0.55ohm N-Channel Power MOSFET
SFF340C SSDI-SFF340C Datasheet
203Kb / 2P
10 AMP 400Volts 0.55OHM N-Channel POWER MOSFET
SFF340J SSDI-SFF340J Datasheet
210Kb / 2P
10 AMP 400Volts 0.58OHM N-Channel POWER MOSFET
More results

Similar Description - SFF340M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
logo
International Rectifier
IRFN340 IRF-IRFN340 Datasheet
211Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFY340CM IRF-IRFY340CM Datasheet
275Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)
logo
Solid States Devices, I...
SFF340 SSDI-SFF340 Datasheet
218Kb / 2P
10 AMP 400Volts 0.55OHM N-Channel POWER MOSFET
SFF340-28 SSDI-SFF340-28 Datasheet
246Kb / 2P
10 AMP 400Volts 0.58OHM N-Channel POWER MOSFET
SFF340J SSDI-SFF340J Datasheet
210Kb / 2P
10 AMP 400Volts 0.58OHM N-Channel POWER MOSFET
SFF340C SSDI-SFF340C Datasheet
203Kb / 2P
10 AMP 400Volts 0.55OHM N-Channel POWER MOSFET
SFF10N100M SSDI-SFF10N100M Datasheet
247Kb / 2P
10 AMP / 1000 Volts 1.2 ohm N-Channel Power MOSFET
SFF10N100-3 SSDI-SFF10N100-3 Datasheet
201Kb / 2P
10 AMP 1000 Volts 1.2 ohm N-Channel Power MOSFET
SFF340-66 SSDI-SFF340-66 Datasheet
87Kb / 2P
10 AMP 400 VOLTS 0.55ohm N-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com